Electronic Components Datasheet Search
  English  ▼

X  

AN4277 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4277
Description  Using STM32F3 Series PWM shut-down features for motor control and digital power conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4277 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4277 Datasheet HTML 13Page - STMicroelectronics AN4277 Datasheet HTML 14Page - STMicroelectronics AN4277 Datasheet HTML 15Page - STMicroelectronics AN4277 Datasheet HTML 16Page - STMicroelectronics AN4277 Datasheet HTML 17Page - STMicroelectronics AN4277 Datasheet HTML 18Page - STMicroelectronics AN4277 Datasheet HTML 19Page - STMicroelectronics AN4277 Datasheet HTML 20Page - STMicroelectronics AN4277 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DocID024409 Rev 2
17/23
AN4277
Using the break function with other MCU resources
22
Comparators output can be optionally enabled as alternate function on the related GPIO
pin, in push-pull or open-drain mode, for signaling to other devices or for debugging
purposes.
Table 5. Comparator output connected externally to break inputs,
with low break polarity
Description
Register
Bit
Configuration
TIM1/8/20 BRK polarity
TIMx_BDTR
BKP
0 (active low), it means that the external signal
goes low during the fault
Comparator output polarity
COMPx_CSR COMPxPOL
0 (not inverted), comparators input connected
as shown in previous sections
TIM1/8/20 BKIN AF
GPIOxAFRL
or
GPIOxAFRH
-
AF enabled on BKIN pin selected among
available
TIM1/8/20 BRK enable
TIMX_BDTR
BKE
1
COMPx out selection
COMPx_CSR COMPxOUTSEL
0001: TIM1 BRK
0011: TIM8 BRK
1100: TIM20 BRK
Table 6. Comparator output connected externally to break inputs,
with high break polarity
Description
Register
Bit
Configuration
TIM1/8/20 BRK/BRK2 polarity TIMx_BDTR
BKP or BK2P
1 (active high), it means that the external signal
goes high during the fault
Comparator output polarity
COMPx_CSR COMPxPOL
0 (not inverted), comparators input connected
as shown in previous sections
TIM1/8/20 BKIN/BKIN2 AF
GPIOxAFRL
or
GPIOxAFRH
-
AF enabled on BKIN/BKIN2 pin selected among
available
TIM1/8/20 BRK/BRK2 enable
TIMX_BDTR
BKE or BK2E
1
COMPx out selection
COMPx_CSR COMPxOUTSEL
0001: TIM1 BRK
0010: TIM1 BRK2
0011: TIM8 BRK
0100: TIM8 BRK2
0101: TIM1 BRK2 + TIM8 BRK2
1100: TIM20 BRK
1101: TIM20 BRK2
1110: TIM1 BRK2 + TIM8 BRK2 + TIM20 BRK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com