Electronic Components Datasheet Search
  English  ▼

X  

AN4277 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4277
Description  Using STM32F3 Series PWM shut-down features for motor control and digital power conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4277 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4277 Datasheet HTML 15Page - STMicroelectronics AN4277 Datasheet HTML 16Page - STMicroelectronics AN4277 Datasheet HTML 17Page - STMicroelectronics AN4277 Datasheet HTML 18Page - STMicroelectronics AN4277 Datasheet HTML 19Page - STMicroelectronics AN4277 Datasheet HTML 20Page - STMicroelectronics AN4277 Datasheet HTML 21Page - STMicroelectronics AN4277 Datasheet HTML 22Page - STMicroelectronics AN4277 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Using the break function with other MCU resources
AN4277
20/23
DocID024409 Rev 2
Table 7 summarizes the recommended settings for comparators.
Table 7. Register locking mechanism
Peripheral
Feature
Register
Comment
GPIO Port x, pin y
Inverting input,
pin mode selection
GPIOx_MODER register,
MODERy bit to be configured in
“Analog mode”
-
GPIO Port x, pin y
Inverting input, pin
configuration locking
GPIOx_LCKR register, specific
write sequence coded with
LCKy bit
MODERy bit (in
GPIOx_MODER register ) now
frozen until next reset
GPIO Port w, pin z
Non inverting input,
pin mode selection
GPIOw_MODER register,
MODERz bit to be configured in
“Analog mode”
Not needed if an internal
reference is selected
GPIO Port w, pin z
Non inverting input, pin
configuration locking
GPIOw_LCKR register, specific
write sequence coded with
LCKz bit
MODERz bit (in
GPIOw_MODER register ) now
frozen until next reset
TIMER 1/8/20
BKIN / BKIN2
configuration locking
TIMx_BDTR register,
LOCK bits
LOCK level 1 (at least)
recommended: DTG bits in
TIMx_BDTR register, OISx and
OISxN bits in TIMx_CR2
register and BKE/BKP/AOE bits
in TIMx_BDTR register frozen
until next reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com