Electronic Components Datasheet Search
  English  ▼

X  

UPD72107 Datasheet(PDF) 12 Page - NEC

Part # UPD72107
Description  LAP-B CONTROLLER(Link Access Procedure Balanced mode)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72107 Datasheet(HTML) 12 Page - NEC

Back Button UPD72107 Datasheet HTML 8Page - NEC UPD72107 Datasheet HTML 9Page - NEC UPD72107 Datasheet HTML 10Page - NEC UPD72107 Datasheet HTML 11Page - NEC UPD72107 Datasheet HTML 12Page - NEC UPD72107 Datasheet HTML 13Page - NEC UPD72107 Datasheet HTML 14Page - NEC UPD72107 Datasheet HTML 15Page - NEC UPD72107 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
µPD72107
2. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25
°C)
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VDD
–0.5 to +7.0
V
Input voltage
VI
–0.5 to VDD + 0.3
V
Output voltage
VO
–0.5 to VDD + 0.3
V
Operating ambient temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
DC Characteristics (TA = –40 to +85
°C, VDD = 5 V ±10%)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, low
VILC
CLK pin
–0.5
+0.8
V
VIL
Other pins
–0.5
+0.8
V
Input voltage, high
VIHC
CLK and PU pins
+3.3
VDD + 0.3
V
VIH
Other pins
+2.2
VDD + 0.3
V
Output voltage, low
VOL
IOL = 2.5 mA
0.4
V
Output voltage, high
VOH
IOH = –400
µA
0.7
× VDD
V
Power supply current
IDD
At operation
20
50
mA
Input leakage current
ILI
0 V
≤ VIN ≤ VDD
±10
µA
Output leakage current
ILO
0 V
≤ VOUT ≤ VDD
±10
µA
Capacitance (TA = +25
°C, VDD = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
fC = 1 MHz
–
8
15
pF
Output capacitance
CO
Unmeasured pins returned to 0 V
–
8
15
pF
I/O capacitance
CIO
–8
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com