Electronic Components Datasheet Search
  English  ▼

X  

LTC3410 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3410
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3410 Datasheet HTML 8Page - Linear Technology LTC3410 Datasheet HTML 9Page - Linear Technology LTC3410 Datasheet HTML 10Page - Linear Technology LTC3410 Datasheet HTML 11Page - Linear Technology LTC3410 Datasheet HTML 12Page - Linear Technology LTC3410 Datasheet HTML 13Page - Linear Technology LTC3410 Datasheet HTML 14Page - Linear Technology LTC3410 Datasheet HTML 15Page - Linear Technology LTC3410 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3410
3410fb
TYPICAL APPLICATIO S
3410 TA06a
CIN
†
4.7
µF
3
4.7
µH*
6
4
1
2, 5
COUT
†
4.7
µF
CER
† TAIYO YUDEN JMK212BJ475
*FDK MIPF2520D
VIN
VIN
2.7V
TO 4.2V
LTC3410-1.875
RUN
SW
VOUT
GND
VOUT
1.875V
LOAD (mA)
60
70
80
90
100
0.1
10
100
1000
3410 TA06b
50
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
20
µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
ILOAD
200mA/DIV
3410 TA06c
VIN = 3.6V
ILOAD = 100mA TO 300mA
Using Low Profile Components, <1mm Height
Low Profile Efficiency
Load Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com