Electronic Components Datasheet Search
  English  ▼

X  

LTC3410 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3410
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410 Datasheet(HTML) 3 Page - Linear Technology

  LTC3410 Datasheet HTML 1Page - Linear Technology LTC3410 Datasheet HTML 2Page - Linear Technology LTC3410 Datasheet HTML 3Page - Linear Technology LTC3410 Datasheet HTML 4Page - Linear Technology LTC3410 Datasheet HTML 5Page - Linear Technology LTC3410 Datasheet HTML 6Page - Linear Technology LTC3410 Datasheet HTML 7Page - Linear Technology LTC3410 Datasheet HTML 8Page - Linear Technology LTC3410 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3410
3410fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VUVLO
Undervoltage Lockout Threshold
VIN Rising
2
2.3
V
VIN Falling
1.94
V
IS
Input DC Bias Current
(Note 4)
Burst Mode
® Operation
VFB = 0.83V or VOUT = 104%, ILOAD = 0A
26
35
µA
Shutdown
VRUN = 0V
0.1
1
µA
fOSC
Oscillator Frequency
VFB = 0.8V or VOUT = 100%
●
1.8
2.25
2.7
MHz
VFB = 0V or VOUT = 0V
310
kHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.75
0.9
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.55
0.7
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
µA
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
Burst Mode is a registered trademark of Linear Technology Corporation.
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3410E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3410: TJ = TA + (PD)(250°C/W)
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency vs Output Current
(From Figure1 Except for the Resistive Divider Resistor Values)
INPUT VOLTAGE (V)
2.5
100
90
80
70
60
50
40
30
45
3410 G02
3
3.5
4.5
5.5
IOUT = 10mA
IOUT = 0.1mA
IOUT = 100mA
VOUT = 1.8V
IOUT = 1mA
IOUT = 250mA
OUTPUT CURRENT (mA)
0.1
0
10
20
30
40
50
60
70
80
90
100
10
100
1
1000
3410 G03
VOUT = 1.8V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency vs Output Current
OUTPUT CURRENT (mA)
0.1
0
10
20
30
40
50
60
70
80
90
100
10
100
1
1000
3410 G04
VOUT = 1.2V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com