Electronic Components Datasheet Search
  English  ▼

X  

LTC3410 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3410
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410 Datasheet(HTML) 4 Page - Linear Technology

  LTC3410 Datasheet HTML 1Page - Linear Technology LTC3410 Datasheet HTML 2Page - Linear Technology LTC3410 Datasheet HTML 3Page - Linear Technology LTC3410 Datasheet HTML 4Page - Linear Technology LTC3410 Datasheet HTML 5Page - Linear Technology LTC3410 Datasheet HTML 6Page - Linear Technology LTC3410 Datasheet HTML 7Page - Linear Technology LTC3410 Datasheet HTML 8Page - Linear Technology LTC3410 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC3410
3410fb
TYPICAL PERFOR A CE CHARACTERISTICS
(From Figure 1 Except for the Resistive Divider Resistor Values)
RDS(ON) vs Input Voltage
INPUT VOLTAGE (V)
1
0.4
1.0
1.1
1.2
3
5
6
3410 G09
0.2
0.8
0.6
0.3
0.9
0.1
0
0.7
0.5
2
4
7
MAIN SWITCH
SYNCHRONOUS SWITCH
Switch Leakage vs Temperature
TEMPERATURE (
°C)
–50
30
90
100
110
0
50
75
3410 G13
10
70
50
20
80
0
60
40
–25
25
100
125
VIN = 5.5V
RUN = 0V
SYNCHRONOUS
SWITCH
MAIN
SWITCH
Dynamic Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
–25
0
20
50
0
50
75
3410 G12
10
40
30
25
100
125
Dynamic Supply Current vs VIN
VIN (V)
1
30
40
50
5
3410 G11
20
10
0
2
3
4
6
VOUT = 1.2V
ILOAD = 0A
RDS(ON) vs Temperature
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
–10
30
50
130
3410 G10
0.4
–30
10
70
90 110
1.2
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
SYNCHRONOUS SWITCH
MAIN SWITCH
Reference Voltage vs
Temperature
TEMPERATURE (
°C)
–50
0.804
0.809
0.814
25
75
3410 G05
0.799
0.794
–25
0
50
100
125
0.789
0.784
VIN = 3.6V
Oscillator Frequency vs
Temperature
TEMPERATURE (
°C)
–50
1.8
1.9
2.1
2.2
2.3
50
2.7
3410 G06
2.0
0
–25
75
100
25
125
2.4
2.5
2.6
VIN = 3.6V
Oscillator Frequency vs
Supply Voltage
SUPPLY VOLTAGE (V)
2
1.8
1.9
2.1
2.2
2.3
4
6
2.7
3410 G07
2.0
35
2.4
2.5
2.6
Output Voltage vs Load Current
LOAD CURRENT (mA)
0
–0.5
0
0.5
300
500
3410 G08
–1.0
–1.5
100
200
400
1.0
VIN = 3.6V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com