Electronic Components Datasheet Search
  English  ▼

X  

LTC3453 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3453
Description  Synchronous Buck-Boost High Power White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3453 Datasheet(HTML) 1 Page - Linear Technology

  LTC3453 Datasheet HTML 1Page - Linear Technology LTC3453 Datasheet HTML 2Page - Linear Technology LTC3453 Datasheet HTML 3Page - Linear Technology LTC3453 Datasheet HTML 4Page - Linear Technology LTC3453 Datasheet HTML 5Page - Linear Technology LTC3453 Datasheet HTML 6Page - Linear Technology LTC3453 Datasheet HTML 7Page - Linear Technology LTC3453 Datasheet HTML 8Page - Linear Technology LTC3453 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3453
1
3453fa
VIN (V)
2.7
100
90
80
70
50
60
180
160
140
120
80
100
4.7
3453 TA01b
3.1
3.5
3.9
5.5
4.3
5.1
ILED = 150mA
TA = 25°C
IIN
EFFICIENCY
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
The LTC
®3453 is a synchronous buck-boost DC/DC con-
verter optimized for driving up to 4 white LEDs at a
combined current of up to 500mA from a single Li-Ion
battery input. The regulator operates in either synchro-
nous buck, synchronous boost, or buck-boost mode,
depending on input voltage and LED maximum forward
voltage. Optimum efficiency is achieved using a propri-
etary architecture that determines which LED requires the
largest forward voltage drop at its programmed current,
and regulates the common output rail for lowest dropout.
Efficiency of 90% can be achieved over the entire usable
range of a Li-Ion battery (2.7V to 4.2V).
LED current is programmable to one of four levels (includ-
ing shutdown) with dual current setting resistors and dual
enable pins. In shutdown, the supply current is only 6
µA.
A high constant operating frequency of 1MHz allows the
use of a small external inductor. The LTC3453 is offered
in a low profile (0.75mm) thermally enhanced 16-lead
(4mm x 4mm) QFN package.
■
Cell Phones
■ Digital Cameras
■ PDAs
■
Portable Devices
■ High Efficiency: 90% Typical Over Entire
Li-Ion Battery Range
■ Wide VIN Range: 2.7V to 5.5V
■ Up to 500mA Continuous Output Current
■ Internal Soft-Start
■ Open/Shorted LED Protection
■ LED Current Matching Typically <2%
■ Constant Frequency 1MHz Operation
■ Low Shutdown Current: 6
µA
■ Overtemperature Protection
■ Small Thermally Enhanced 16-Lead (4mm x 4mm)
QFN Package
Synchronous Buck-Boost
High Power White LED Driver
High Efficiency Torch/Flash LED Driver
Torch Mode Efficiency vs VIN
EN1 (TORCH)
GND
PGND
GND
D1: LUMILEDS LXCL-PWF1
L1: VISHAY DALE IDCS-2512
VIN
LED1
LED2
LED3
LED4
D1
3453 TA01a
VC
EN1
0.1
µF
EN2
EN2 (FLASH)
ISET1
8.25k
1%
ISET2
3.48k
1%
EN1
EN2
ILED
0
1
0
1
0
0
1
1
0 (SHUTDOWN)
150mA
350mA
500mA
SW1
SW2
VOUT
PVIN
VIN
1-CELL
Li-Ion
2.7V to 4.2V
LTC3453
1MHz
BUCK-BOOST
2.2
µF
4.7
µF
L1
4.7
µH
150mA/500mA
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC3453

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LTC3453EUF LINER-LTC3453EUF Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
More results

Similar Description - LTC3453

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3454 LINER-LTC3454_15 Datasheet
182Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
Texas Instruments
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
High-Power White LED Driver 2-mHz Synchronous Boost Converter
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com