Electronic Components Datasheet Search
  English  ▼

X  

LTC3453 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3453
Description  Synchronous Buck-Boost High Power White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3453 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3453 Datasheet HTML 4Page - Linear Technology LTC3453 Datasheet HTML 5Page - Linear Technology LTC3453 Datasheet HTML 6Page - Linear Technology LTC3453 Datasheet HTML 7Page - Linear Technology LTC3453 Datasheet HTML 8Page - Linear Technology LTC3453 Datasheet HTML 9Page - Linear Technology LTC3453 Datasheet HTML 10Page - Linear Technology LTC3453 Datasheet HTML 11Page - Linear Technology LTC3453 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC3453
12
3453fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0206 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1618
Constant Current, Constant Voltage 1.4MHz, High Efficiency
VIN: 1.6V to 18V, VOUT(MAX) = 34V, IQ = 1.8mA, ISD = <1µA,
Boost Regulator
MS10 Package/EDD Package
LT1930/LT1930A 1A (ISW), 1.2MHz/2.2MHz, High Efficiency Step-Up
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD = <1µA,
DC/DC Converter
ThinSOT Package
LT1932
Constant Current, 1.2MHz, High Efficiency White LED
VIN: 1V to 10V, VOUT(MAX) = 34V, IQ = 1.2mA, ISD = <1µA,
Boost Regulator
ThinSOT Package
LT1937
Constant Current, 1.2MHz, High Efficiency White LED
VIN: 2.5V to 10V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD = <1µA,
Boost Regulator
ThinSOT Package/SC70 Package
LTC3205
High Efficiency, Multi-Display LED Controller
VIN: 2.8V to 4.5V, VOUT(MAX) = 6V, IQ = 50µA, ISD = <1µA,
QFN-24 Package
LTC3216
1A Low Noise High Current LED Charge Pump with
VIN: 2.9V to 4.4V, VOUT(MAX) = 5.5V, IQ = 300µA, ISD = <2.5µA,
Independent Flash/Torch Current
DFN Package
LTC3440/
600mA/1.2A IOUT, 2MHz/1MHz, Synchronous Buck-Boost
VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 25µA/50µA, ISD = <1µA,
LTC3441
DC/DC Converter
MS-10 Package/DFN Package
LTC3443
600mA/1.2A IOUT, 600kHz, Synchronous Buck-Boost
VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 28µA, ISD = <1µA,
DC/DC Converter
DFN Package
LTC3454
1A Synchronous Buck-Boost High Power LED Driver
VIN: 2.7V to 5.5V, 1MHz, ISD < 6µA, DFN Package
LT3465/LT3465A Constant Current, 1.2MHz/2.7MHz, High Efficiency White LED
VIN: 2.7V to 16V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD = <1µA,
Boost Regulator with Integrated Schottky Diode
ThinSOT Package
LT3466
Dual Constant Current, 2MHz, High Efficiency White LED
VIN: 2.7V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD = <16µA,
Boost Regulator with Integrated Schottky Diode
DFN Package
LT3479
3A, Full Featured DC/DC Converter with Soft-Start and
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 6.5mA, ISD = <1µA,
Inrush Current Protection
DFN Package/TSOPP Package
High Efficiency 4 White LED Driver
VC
EN1
EN
EN2
ISET1
ISET2
LED1
SW1
GND
PGND
GND
D1 TO D4: NICHIA NSCW100
L1: VISHAY DALE IDCS-2512
SW2
VOUT
PVIN
VIN
1-CELL
Li-Ion
LED2
LED3
LED4
LTC3453
1MHz
BUCK-BOOST
0.1
µF
4.7
µF
30mA
2.2
µF
VIN
4.7
µH
10.2k
30mA
30mA
30mA
D4
D3
D2
D1
3453 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com