Electronic Components Datasheet Search
  English  ▼

X  

AN4430 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4430
Description  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 12Page - STMicroelectronics AN4430 Datasheet HTML 13Page - STMicroelectronics AN4430 Datasheet HTML 14Page - STMicroelectronics AN4430 Datasheet HTML 15Page - STMicroelectronics AN4430 Datasheet HTML 16Page - STMicroelectronics AN4430 Datasheet HTML 17Page - STMicroelectronics AN4430 Datasheet HTML 18Page - STMicroelectronics AN4430 Datasheet HTML 19Page - STMicroelectronics AN4430 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
How to create an Android Application for ST dual memories
AN4430
16/42
DocID025722 Rev 1
2
How to create an Android Application for ST dual
memories
2.1
Development environment
In order to implement an android application, developer has to setup his own development
environment to be able to edit the source code, build it with the right tool chain, and flash the
application to the embedded targeted system (i.e. the mobile phone running the android
operating system)
2.1.1
Prerequisites
Operating system computer from where the application is generated must belong to the
following families:
•
Windows XP (32 bits), Windows Vista (32 to 64 bits), Windows 7 (32 to 64 bits)
•
Mac OS X 10.5.8 or later (restricted to x86 solutions)
•
Ubuntu (8.04 or later) Linux (with GNU C lib 2.7 or later)
Development environment:
•
Eclipse 3.6.2 (Helios) or greater with included Eclipse JDT plugin
•
Java Development Kit 6
•
Android SDK: Provides to the android application developers the Android API libraries
and tools necessary to build, test, trace and debug applications. Here is the list of the
main repositories in android SDK:
–
SDK Tools: contains tools for debugging and testing.
–
SDK Platforms tools: contains platform-dependent tools
–
Documentation: offline copy of the android platforms APIs downloaded on
developer’s station.
–
SDK Platforms: store the SDK platform (for each version of android) – SDK
platforms can be downloaded on demand by the developer.
–
System Images: system images (such as for ARM, x86,..) derivate by each
android version to let developer to test his application on a specific android system
using an emulator.
–
Source code for android SDK: source code of each android version (to be
downloaded on demand by the developer according to the android version he’s
working with.
–
Samples for SDK: collection of samples provided by Google.
–
Google APIs: SDK add-on that provides both a platform and a system image.
•
Android development tools (ADT) plugin (recommendation to fasten developments
steps): This plugin has been designed to give a powerful, integrated environment in
which to build android applications by extending the capabilities of Eclipse (IDE).
It’s highly recommended to use eclipse with ADT installed as this solution is the fastest way
to get started. This solution eases the task to setup a new application project, to build the
final application in debug or release mode. During the pure development activity developers
are also supported by various integration tools and enhanced XML editor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com