Electronic Components Datasheet Search
  English  ▼

X  

AN4430 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4430
Description  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 23Page - STMicroelectronics AN4430 Datasheet HTML 24Page - STMicroelectronics AN4430 Datasheet HTML 25Page - STMicroelectronics AN4430 Datasheet HTML 26Page - STMicroelectronics AN4430 Datasheet HTML 27Page - STMicroelectronics AN4430 Datasheet HTML 28Page - STMicroelectronics AN4430 Datasheet HTML 29Page - STMicroelectronics AN4430 Datasheet HTML 30Page - STMicroelectronics AN4430 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DocID025722 Rev 1
27/42
AN4430
How to create an Android Application for ST dual memories
41
2.5.4
Final AndroidManifest.xml file
<?xml version="1.0" encoding="utf‐8"?>
<manifest xmlns:android="http://schemas.android.com/apk/res/android" 
    package="com.example.myfirstnfcapp" 
    android:versionCode="1" 
    android:versionName="1.0" > 
 
    <uses‐sdk 
        android:minSdkVersion="11" 
        android:targetSdkVersion="19" /> 
    <uses‐permission android:name="android.permission.NFC" /> 
     
    <uses‐feature 
    android:name="android.hardware.nfc" 
    android:required="true" /> 
     
 
    <application 
        android:allowBackup="true" 
        android:icon="@drawable/ic_launcher" 
        android:label="@string/app_name" 
        android:theme="@style/AppTheme" > 
        <activity 
            android:name="com.example.myfirstnfcapp.MainActivity" 
            android:label="@string/app_name" > 
            <intent‐filter> 
                <action android:name="android.intent.action.MAIN" /> 
                <category android:name="android.intent.category.LAUNCHER" /> 
            </intent‐filter> 
  
  
<intent‐filter> 
 
 
      <action android:name="android.nfc.action.NDEF_DISCOVERED"/> 
  
 
</intent‐filter> 
 
        </activity> 
    </application> 
 
</manifest>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com