Electronic Components Datasheet Search
  English  ▼

X  

AN4430 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4430
Description  Designing an NFC Android Application for M24SR and M24LR devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4430 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4430 Datasheet HTML 26Page - STMicroelectronics AN4430 Datasheet HTML 27Page - STMicroelectronics AN4430 Datasheet HTML 28Page - STMicroelectronics AN4430 Datasheet HTML 29Page - STMicroelectronics AN4430 Datasheet HTML 30Page - STMicroelectronics AN4430 Datasheet HTML 31Page - STMicroelectronics AN4430 Datasheet HTML 32Page - STMicroelectronics AN4430 Datasheet HTML 33Page - STMicroelectronics AN4430 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
How to use ST NFC package to implement HW enhanced features
AN4430
30/42
DocID025722 Rev 1
3
How to use ST NFC package to implement HW
enhanced features
Customer may want to use enhanced feature provided by ST-M24SR or ST-M24LR. As
these features are not NDEF dedicated our out of NFC Forum scope or not yet provided by
Android API, user may address discovered NFC Tag through Android NFC technology API
and with dedicated protocol defined by ST (or customer in case of transceiver addressing
use case).
These study examples are extracted from dedicated ST product android application. These
applications are downloadable from ST web site as Android application itself or as Android
Application source code.
3.1
Enhanced M24SR feature use case – CCFile addressing
NFC android Application developer may want to read the CC file stored in each NFC Type 4
Tag. Android API doesn’t provide a high level interface to address this kind of file. Developer
has to address specific nfc.technology provided by android to send 7816-4 commands to
access this specific file.
Once a tag is discovered from the NFC field, intent is grabbed by the current foreground
activity. With this intent, a rawTag which is the software representation of the state of the
physical tag detected by the NFC field is extractable by the following call:
If the Tag type is identified as a NFC Forum Tag Type 4 by the decodeTagType() method,
physical tag in the NFC field gets a CCFile. Developer has to request it through a sequence
of commands to be able to read it. These commands are listed in the ST-M24SR datasheet
downloadable from the ST web site.
 
Tag rawTag = intent.getParcelableExtra(NfcAdapter.EXTRA_TAG); 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com