Electronic Components Datasheet Search
  English  ▼

X  

AN4434 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4434
Description  CMOS F8H automotive EEPROM cycling endurance and data retention
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4434 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4434 Datasheet HTML 4Page - STMicroelectronics AN4434 Datasheet HTML 5Page - STMicroelectronics AN4434 Datasheet HTML 6Page - STMicroelectronics AN4434 Datasheet HTML 7Page - STMicroelectronics AN4434 Datasheet HTML 8Page - STMicroelectronics AN4434 Datasheet HTML 9Page - STMicroelectronics AN4434 Datasheet HTML 10Page - STMicroelectronics AN4434 Datasheet HTML 11Page - STMicroelectronics AN4434 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Cycling endurance
AN4434
8/17
DocID025810 Rev 3
devices specified as 4 million cycles, a word can be cycled 4 million times).
For more information, refer to the application note AN2440 on www.st.com.
1.2.4
Overall number of write cycles
When evaluating the cycling performances of an application, it must be stressed out that the
number of cycles can be defined either for each memory cell or for the overall number of
cycles decoded by the whole memory:
–
the max cycling value defined in the datasheet is the max number of cycles for
each byte
–
the overall number of cycles is the number of cycles correctly decoded and
executed by the device, spread over all addressed locations in the memory.
The characterization trials performed on automotive CMOS F8H products
(MXXxxx-A125/A145) equal or larger than 32Kbit have demonstrated that the overall
number of write cycles exceeds 128 million cycles, at 25°.
1.3
Cycling strategy in the end application
In order to ensure the safest EEPROM cycling conditions, it is strongly recommended to
evaluate the number of write cycles and the relative temperature profile of the cycling
performed by the EEPROM during the life of the application, that is:
Number of cycles at temp i
()
Max Number of cycles specified at temp i
()
------------------------------------------------------------------------------------
1
≤
i1
=
n
∑
•
define the main temperature ranges at which the EEPROM is operating in the end
application,
•
for each temperature range, estimate the number of write cycles executed for each
data block,
•
for each data block (with different cycling profiles), calculate the cumulated cycling
effect using the following equation or Table 3.
Table 3. Application cycling profile evaluation(1)
1. The table can be adapted according to the temperature profile by taking care of putting down the maximum
cycling for each temperature
Temperature
Number of Cycles(2)
2. w,x,y and z are forecast number of cycles for a specific data block
% of the max cycling value specified in Table 2
25°C
w
(w/4M) x 100 = a %
55°C
x
(x/2.3M) x 100 = b %
85°C
y
(y/1.2M) x 100 = c %
125°C
z
(z/600K) x 100 = d %
Total
w + x + y + z
(a + b + c + d) %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com