Electronic Components Datasheet Search
  English  ▼

X  

AN4434 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4434
Description  CMOS F8H automotive EEPROM cycling endurance and data retention
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4434 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4434 Datasheet HTML 9Page - STMicroelectronics AN4434 Datasheet HTML 10Page - STMicroelectronics AN4434 Datasheet HTML 11Page - STMicroelectronics AN4434 Datasheet HTML 12Page - STMicroelectronics AN4434 Datasheet HTML 13Page - STMicroelectronics AN4434 Datasheet HTML 14Page - STMicroelectronics AN4434 Datasheet HTML 15Page - STMicroelectronics AN4434 Datasheet HTML 16Page - STMicroelectronics AN4434 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data retention
AN4434
14/17
DocID025810 Rev 3
filters out extrinsic defaults and pushes the data retention limit far beyond the limit of the first
extrinsic failing bit.
If we use the same analysis detailed in ECCx4 and data retention, the probability P2 that a
second bit could be located in the same byte is equal to
:
P2
knP0
2 k1
–
() 64
⁄
=
Where:
–
k is the number of bits of the word (for ECCx1: 1 bytes and 4 ECC bits, this leads
to k = 12)
–
n is the number of bits of the whole memory.
–P0 is the probability that 1 cell fails (P0 = 10-7)
As the value of P2 is depending on the value of n (number of bits in the EEPROM), Table 7
offers the probability P2 that one byte is not read correctly (a second bit failing in the same
byte cannot be recovered by the ECC logic).
2.3
Data retention strategy in the end application
The data retention time is defined in the datasheets with specific temperatures. In order to
ensure the safest EEPROM data retention, it is wise to evaluate the amount of time during
which the end application remains within some temperature range to evaluate the data
retention profile, that is:
Number of years at temp i
()
Max Number of years specified for temp i
()
------------------------------------------------------------------------------------
1
≤
i1
=
n
∑
•
define the time (in year) during which the EEPROM remains inside each temperature
range (that is a typical temperature profile of the end application),
•
for each temperature range, estimate the data retention value, in percentage, as
defined in the following equation or in Table 7.
Table 6. ECCx1 memories: probability that one byte is not correctly read
Memory capacity
P2 (ppm(1))
1. ppm: part per million
16 Kbit
0.001
8 Kbit
0.001
4 Kbit
0.000
2 Kbit
0.000
1 Kbit
0.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com