Electronic Components Datasheet Search
  English  ▼

X  

LTC3537 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3537
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537 Datasheet(HTML) 1 Page - Linear Technology

  LTC3537 Datasheet HTML 1Page - Linear Technology LTC3537 Datasheet HTML 2Page - Linear Technology LTC3537 Datasheet HTML 3Page - Linear Technology LTC3537 Datasheet HTML 4Page - Linear Technology LTC3537 Datasheet HTML 5Page - Linear Technology LTC3537 Datasheet HTML 6Page - Linear Technology LTC3537 Datasheet HTML 7Page - Linear Technology LTC3537 Datasheet HTML 8Page - Linear Technology LTC3537 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC3537
1
3537fd
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2.2 MHz, 600mA
Synchronous Step-Up DC/DC
Converter and 100mA LDO
The LTC®3537 combines a high efficiency, 2.2MHz step-up
DC/DC converter with an independent 100mA low dropout
regulator (LDO). The step-up converter starts from an input
voltage as low as 0.68V and contains an internal 0.4Ω
switch and a 0.6Ω synchronous rectifier that disconnects
from the output when disabled in shutdown.
A switching frequency of 2.2MHz minimizes solution
footprint by allowing the use of tiny, low profile inductors
and ceramic capacitors. The current mode PWM design
is internally compensated, reducing external parts count.
Fixed frequency switching is maintained until a light load
current is sensed, at which point Burst Mode® operation is
engaged to maximize efficiency. For low noise operation,
Burst Mode Operation can be disabled. Anti-ring circuitry
reduces EMI by damping the inductor in discontinuous
mode. Additional features include a low shutdown current
of under 1μA and thermal overload protection.
The integrated LDO regulator provides a very low noise,
programmable low dropout supply.
n High Efficiency Step-Up DC/DC Converter and LDO
Step-Up
n VIN: 0.68V to 5V, VOUT: 1.5V to 5.25V
IOUT: 100mA at 3.3V, VIN >0.8V
n 2.2MHz Fixed Frequency Operation
n Synchronous Rectifier with Output Disconnect
n Burst Mode Operation (Pin Selectable)
Linear LDO Regulator
n VIN: 1.8V to 5.5V, VOUT: 0.6V to 5V
IOUT: 100mA
n 100mV Dropout Voltage at 50mA
n 24dB Ripple Rejection at fSW
Combined
n Power Good Indicators
n Low-Battery Comparator
n 30μA IQ
n Low Profile 3mm × 3mm × 0.75mm Package
n Wireless Microphones
n Portable Medical instruments
n Noise Cancelling/Portable Headsets
n RF and Audio Power
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Efficiency and Power Loss
vs Load Current
LOAD CURRENT (mA)
0.01
100
80
90
60
20
30
40
70
50
10
0
1000
10
0.1
1
100
0.01
10
0.1
3537 TA01b
1000
1100
EFFICIENCY
POWER LOSS
VINB, MODE = 1.8V
3537 TA01a
LTC3537
VINB
1μF
ALKALINE
0.8V
TO
1.6V
VOUTB
3.3V
VOLDO
3V
2.2μH
R6
665k
ENLDO
VOUTB
FBB
VINL
VOLDO
FBL
ENBST
MODE
PGND
SGND
SW
R2
1.74M
R1
1M
R3
511k
R4
2.05M
R5
1.0M
10μF
1μF
ON
OFF
BURST
PWM
PGDL
PGDB
LBO
LBI
+
33pF


Similar Part No. - LTC3537

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3537EUD-PBF LINER-LTC3537EUD-PBF Datasheet
302Kb / 20P
2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537EUD-TRPBF LINER-LTC3537EUD-TRPBF Datasheet
302Kb / 20P
2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
More results

Similar Description - LTC3537

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
100mA PFM Synchronous Step-up DC/DC Converter
logo
Union Semiconductor, In...
UM3433 UNIONSEMI-UM3433 Datasheet
500Kb / 9P
600mA, 600kHz Step-Up DC-DC Converter
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
600mA, 1MHz, Synchronous Step-Up DC-DC Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com