Electronic Components Datasheet Search
  English  ▼

X  

LTC3537 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3537
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537 Datasheet(HTML) 5 Page - Linear Technology

  LTC3537 Datasheet HTML 1Page - Linear Technology LTC3537 Datasheet HTML 2Page - Linear Technology LTC3537 Datasheet HTML 3Page - Linear Technology LTC3537 Datasheet HTML 4Page - Linear Technology LTC3537 Datasheet HTML 5Page - Linear Technology LTC3537 Datasheet HTML 6Page - Linear Technology LTC3537 Datasheet HTML 7Page - Linear Technology LTC3537 Datasheet HTML 8Page - Linear Technology LTC3537 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3537
5
3537fd
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current and
VINB for VOUTB = 5V
Maximum Output Current vs VINB
Minimum Load Resistance During
Start-Up vs VINB
Start-Up Delay Time vs VINB
Burst Mode Threshold Current
vs VINB
Burst Mode Threshold Current
vs VINB
Efficiency vs Load Current and
VINB for VOUTB = 1.8V
Efficiency vs Load Current and
VINB for VOUTB = 3.3V
No-Load Input Current vs VINB
TA = 25°C unless otherwise noted.
LOAD CURRENT (mA)
0.01
100
80
90
60
20
30
40
70
50
10
0
1000
10
0.1
1
100
0.01
10
0.1
3537 G01
1000
1
100
PLOSS AT VINB = 1V
PLOSS AT VINB = 1.2V
PLOSS AT VINB = 1.5V
VINB = 1V
VINB = 1.2V
VINB = 1.5V
LOAD CURRENT (mA)
0.01
100
80
90
60
20
30
40
70
50
10
0
1000
10
0.1
1
100
0.01
10
0.1
3537 G02
1000
1
100
PLOSS AT VINB = 1.2V
PLOSS AT VINB = 1.8V
PLOSS AT VINB = 2.4V
PLOSS AT VINB = 2.8V
VINB = 1.2V
VINB = 1.8V
VINB = 2.4V
VINB = 2.8V
LOAD CURRENT (mA)
0.01
100
80
90
60
20
30
40
70
50
10
0
1000
10
0.1
1
100
0.01
10
0.1
3537 G04
1000
1
100
PLOSS AT VINB = 1.2V
PLOSS AT VINB = 2.4V
PLOSS AT VINB = 3.6V
PLOSS AT VINB = 4.2V
VINB = 1.2V
VINB = 2.4V
VINB = 3.6V
VINB = 4.2V
VINB (V)
0.5
1000
800
900
600
200
300
400
700
500
100
0
3.5
3
2.5
1.5
3537 G05
4.5
2
14
VOUTB = 2.5V
VOUTB = 1.8V
VOUTB = 3.3V
VOUTB = 5V
VINB (V)
0.8
1000
100
10
1.6
1.5
1.4
1.3
1.2
1
3537 G06
1.8
1.1
0.9
1.7
VINB (V)
1
60
30
20
10
50
40
0
4.5
4
3.5
3
2
3537 G07
5
2.5
1.5
VINB (V)
0.8
30
25
20
15
10
5
0
45
40
35
0.9
1
1.1
1.2
1.3
1.4
3537 G08
ENTER BURST
LEAVE BURST
VOUTB = 1.8V
COUTB = 10μF
L = 2.2μH
VINB (V)
0.8
30
25
20
15
10
5
0
50
45
40
35
1
1.2
1.4
1.6
1.8
2
3537 G09
ENTER BURST
LEAVE BURST
VOUTB = 2.5V
COUTB = 10μF
L = 2.2μH
VINB (V)
0.6
120
100
60
80
40
20
0
180
160
140
1.2
1.8
2.4
3
4.8
3.6
4.2
3537 G03
VOUTB = 5V
VOUTB = 3.3V
VOUTB = 2.5V
VOUTB = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com