Electronic Components Datasheet Search
  English  ▼

X  

LTC3537 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3537
Description  2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3537 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3537 Datasheet HTML 14Page - Linear Technology LTC3537 Datasheet HTML 15Page - Linear Technology LTC3537 Datasheet HTML 16Page - Linear Technology LTC3537 Datasheet HTML 17Page - Linear Technology LTC3537 Datasheet HTML 18Page - Linear Technology LTC3537 Datasheet HTML 19Page - Linear Technology LTC3537 Datasheet HTML 20Page - Linear Technology LTC3537 Datasheet HTML 21Page - Linear Technology LTC3537 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC3537
18
3537fd
TYPICAL APPLICATIONS
2-Cell to Low Noise 3.3V
2-Cell to 5V, 1.8V
3537 TA04
LTC3537
VINB
2-CELL
ALKALINE
1.6V TO 3.2V
1μF
VOLDO
3.3V
2.2μH
R6
2M
ENDLO
VOUTB
FBB
VINL
VOLDO
FBL
ENBST
MODE
PGND
SGND
SW
R2
2M
R1
1M
R3
523k
R4
2.37M
R5
1M
10μF
1μF
ON
OFF
BURST
PVM
PGDL
PGDB
LBO
LBI
+
33pF
3537 TA05
LTC3537
VINB
1μF
VOLDO
1.8V
2.2μH
R6
2M
ENDLO
VOUTB
FBB
VINL
VOLDO
FBL
ENBST
MODE
PGND
SGND
SW
R2
1.91M
R1
604k
R3
1M
R4
2M
R5
1M
10μF
1μF
ON
OFF
BURST
PVM
PGDL
PGDB
LBO
LBI
VOUTB
5V
2-CELL
ALKALINE
1.6V TO 3.2V
+
33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com