Electronic Components Datasheet Search
  English  ▼

X  

LTC3542 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3542
Description  500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3542 Datasheet HTML 8Page - Linear Technology LTC3542 Datasheet HTML 9Page - Linear Technology LTC3542 Datasheet HTML 10Page - Linear Technology LTC3542 Datasheet HTML 11Page - Linear Technology LTC3542 Datasheet HTML 12Page - Linear Technology LTC3542 Datasheet HTML 13Page - Linear Technology LTC3542 Datasheet HTML 14Page - Linear Technology LTC3542 Datasheet HTML 15Page - Linear Technology LTC3542 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3542
13
3542fa
Figure 3a. Typical Application
Figure 3b. Layout Diagram
Figure 3c. Efficiency Curve
Figure 3d. Load Step
VIN
LTC3542
RUN
R1
75k
*SUMIDA CDRH2D18HD-2R2NC
**TDK C2012X5R0J106M
3542 F03a
R2
150k
CF 22pF
L*
2.2
μH
CIN**
10
μF
COUT**
10
μF
SW
VIN
2.7V TO 5.5V
VOUT
1.8V
500mA
VFB
MODE/SYNC
GND
1
2
3
VFB
R1
VIN
VIN
GND
3542 F03b
CIN
6
5
GND
4
RUN
GND
GND
VIA TO VOUT
MODE/
SYNC
SW
R2
CF
COUT
L
VOUT
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3542 G17
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.8V
Burst Mode OPERATION
FIGURE 3a CIRCUIT
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 500mA
FIGURE 3a CIRCUIT
20
μs/DIV
3542 G06
ILOAD
500mA/DIV
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com