Electronic Components Datasheet Search
  English  ▼

X  

LTC3542 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3542
Description  500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542 Datasheet(HTML) 2 Page - Linear Technology

  LTC3542 Datasheet HTML 1Page - Linear Technology LTC3542 Datasheet HTML 2Page - Linear Technology LTC3542 Datasheet HTML 3Page - Linear Technology LTC3542 Datasheet HTML 4Page - Linear Technology LTC3542 Datasheet HTML 5Page - Linear Technology LTC3542 Datasheet HTML 6Page - Linear Technology LTC3542 Datasheet HTML 7Page - Linear Technology LTC3542 Datasheet HTML 8Page - Linear Technology LTC3542 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3542
2
3542fa
ELECTRICAL CHARACTERISTICS
Input Supply Voltage (VIN)........................... –0.3V to 6V
VFB, RUN Voltages .......................................–0.3V to VIN
MODE Voltage................................–0.3V to (VIN + 0.3V)
SW Voltage ....................................–0.3V to (VIN + 0.3V)
Operating Temperature Range (Note 2)
LTC3542E ............................................ –40°C to 85°C
LTC3542I ........................................... –40°C to 125°C
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
●
2.5
5.5
V
IFB
Feedback Input Current
±30
nA
VFB
Feedback Voltage (Note 4)
●
0.588
0.6
0.612
V
ΔVLINE_REG
Reference Voltage Line Regulation (Note 4) VIN = 2.5V to 5.5V
0.04
0.2
%/V
ΔVLOAD_REG
Output Voltage Load Regulation (Note 4)
ILOAD = 100mA to 500mA
0.02
0.2
%
Junction Temperature (Note 7) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT-23............................................................ 300°C
Reflow Peak Body Temperature (DFN) .................. 260°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
TOP VIEW
RUN
SW
VFB
VIN
GND
DC PACKAGE
6-LEAD (2mm
× 2mm) PLASTIC DFN
4
5
7
6
3
2
1
MODE/
SYNC
TJMAX = 125°C, θJA = 102°C/W, θJC = 20°C/W (SOLDERED TO A 4-LAYER BOARD, NOTE 3)
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
VIN 1
GND 2
VFB 3
6 SW
5 MODE/SYNC
4 RUN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 215°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3542EDC#PBF
LTC3542EDC#TRPBF
LCFR
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC3542IDC#PBF
LTC3542IDC#TRPBF
LCFR
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3542ES6#PBF
LTC3542ES6#TRPBF
LCFS
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC3542IS6#PBF
LTC3542IS6#TRPBF
LCFS
6-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com