Electronic Components Datasheet Search
  English  ▼

X  

LTC3542 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3542
Description  500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3542 Datasheet HTML 2Page - Linear Technology LTC3542 Datasheet HTML 3Page - Linear Technology LTC3542 Datasheet HTML 4Page - Linear Technology LTC3542 Datasheet HTML 5Page - Linear Technology LTC3542 Datasheet HTML 6Page - Linear Technology LTC3542 Datasheet HTML 7Page - Linear Technology LTC3542 Datasheet HTML 8Page - Linear Technology LTC3542 Datasheet HTML 9Page - Linear Technology LTC3542 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3542
6
3542fa
+
–
+
–
+
0.6V
EA
VB
VFB
VIN
SW
MODE/SYNC
RUN
VIN
SHUTDOWN
BURST
MODE
CLKIN
ICOMP
SLOPE COMPENSATION
ANTI-
SHOOT
THROUGH
MODE
DETECT
0.6V REF
OSC
GND
3542 BD
IRCMP
LOGIC
VFB (Pin 1/Pin 3): Output Feedback Pin. Receives the
feedback voltage from an external resistive divider across
the output. Nominal voltage for this pin is 0.6V.
VIN (Pin 2/Pin 1): Power Supply Pin. Must be closely
decoupled to GND.
GND (Pin 3/Pin 2): Ground Pin.
SW (Pin 4/Pin 6): Switch Node Connection to Inductor.
This pin connects to the drains of the internal main and
synchronous power MOSFET switches.
MODE/SYNC (Pin 5/Pin 5): Mode Selection and Oscillator
Synchronization Pin. This pin controls the operation of the
device. When tied to GND or VIN, Burst Mode operation or
pulse skipping mode is selected, respectively. Do not float
this pin. The oscillation frequency can be synchronized to
an external oscillator applied to this pin and pulse skipping
mode is automatically selected.
RUN (Pin 6/Pin 4): Converter Enable Pin. Forcing this pin
above 1.5V enables this part, while forcing it below 0.3V
causes the device to shut down. In shutdown, all functions
are disabled drawing <1μA supply current. This pin must
be driven; do not float.
GND (Pin 7, DFN Package Only): Exposed Pad. The Ex-
posed Pad is ground. It must be soldered to PCB ground
to provide both electrical contact and optimum thermal
performance.
PIN FUNCTIONS (DFN/TSOT-23)
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com