Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 4 Page - Linear Technology

  LTC3560 Datasheet HTML 1Page - Linear Technology LTC3560 Datasheet HTML 2Page - Linear Technology LTC3560 Datasheet HTML 3Page - Linear Technology LTC3560 Datasheet HTML 4Page - Linear Technology LTC3560 Datasheet HTML 5Page - Linear Technology LTC3560 Datasheet HTML 6Page - Linear Technology LTC3560 Datasheet HTML 7Page - Linear Technology LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3560
4
3560fb
TYPICAL PERFORMANCE CHARACTERISTICS
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
Dynamic Supply Current
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Supply Voltage
Output Voltage vs Load Current
(From Figure 1a Except for the Resistive Divider Resistor Values)
TEMPERATURE (°C)
–50
2.00
2.05
2.15
2.20
2.25
2.50
2.35
0
50
75
3560 G07
2.10
2.40
2.45
2.30
–25
25
100
125
VIN = 3.6V
INPUT VOLTAGE (V)
2
1.8
1.9
2.0
2.1
2.2
34
5
6
3560 G08
2.3
2.4
2.5
3.5
4.5
5.5
LOAD CURRENT (mA)
0
1.78
1.79
1.80
1.81
1.82
1.84
200
400
600
800
3560 G09
1000
1200
1.83
VIN = 3.6V
Burst Mode OPERATION
PULSE SKIP MODE
INPUT VOLTAGE (V)
0
0.30
0.35
0.40
35
3560 G10
0.25
0.20
12
46
7
0.15
0.10
MAIN SWITCH
SYNCHRONOUS
SWITCH
TEMPERATURE (°C)
–50
0.35
25
3560 G11
0.20
0.10
–25
0
50
0.05
0
0.40
0.30
0.25
0.15
75
100
125
SYNCHRONOUS SWITCH
MAIN SWITCH
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
INPUT VOLTAGE (V)
2
0
50
100
150
200
34
5
6
3560 G12
250
300
2.5
3.5
4.5
5.5
VOUT = 1.2V
ILOAD = 0A
PULSE SKIPPING MODE
Burst Mode OPERATION
Efficiency vs Output Current
Efficiency vs Output Current
Reference Voltage
vs Temperature
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3560 G04
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.3V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3560 G05
0
1
VIN = 4.2V
VIN = 3.6V
VOUT = 1.8V
Burst Mode OPERATION
PULSE SKIP MODE
TEMPERATURE (°C)
–50
0.605
0.610
0.615
25
75
3560 G06
0.600
0.595
–25
0
50
100
125
0.590
0.585
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com