Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3560 Datasheet HTML 2Page - Linear Technology LTC3560 Datasheet HTML 3Page - Linear Technology LTC3560 Datasheet HTML 4Page - Linear Technology LTC3560 Datasheet HTML 5Page - Linear Technology LTC3560 Datasheet HTML 6Page - Linear Technology LTC3560 Datasheet HTML 7Page - Linear Technology LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology LTC3560 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3560
6
3560fb
PIN FUNCTIONS
RUN (Pin 1): Run Control Input. Forcing this pin above 1.5V
enables the part. Forcing this pin below 0.3V shuts down
the device. In shutdown, all functions are disabled drawing
<1μA supply current. Do not leave RUN floating.
GND (Pin 2): Ground Pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchronous
power MOSFET switches.
VIN (Pin 4): Main Supply Pin. Must be closely decoupled
to GND, Pin 2, with a 10μF or greater ceramic capacitor.
VFB (Pin 5): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
SYNC/MODE (Pin 6): External Clock Synchronization and
Mode Select Input. To synchronize with an external clock,
apply a clock with a frequency between 1MHz and 3MHz.
To select pulse-skipping mode, tie to VIN. Grounding this
pin selects Burst Mode operation. Do not leave this pin
floating.
FUNCTIONAL DIAGRAM
+
–
+
–
EA
IRCMP
+
–
ICOMP
5
1
RUN
OSC
SLOPE
COMP
OSC
FREQ
SHIFT
0.6V
0.6V REF
SHUTDOWN
0.4V
0.65V
SLEEP
VIN
VFB
6
SYNC/MODE
EN
BURST
VIN
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
S
RQ
Q
5Ω
4
SW
3
GND
3560 BD
2
Load Step
Load Step
Load Step
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20μs/DIV
3560 G22
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A TO 800mA
Burst Mode OPERATION
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20μs/DIV
3560 G23
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 800mA
Burst Mode OPERATION
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20μs/DIV
3560 G24
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 800mA
Burst Mode OPERATION
TYPICAL PERFORMANCE CHARACTERISTICS
(From Figure 1a Except for the Resistive Divider Resistor Values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com