Electronic Components Datasheet Search
  English  ▼

X  

LTC3560 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 5 Page - Linear Technology

  LTC3560 Datasheet HTML 1Page - Linear Technology LTC3560 Datasheet HTML 2Page - Linear Technology LTC3560 Datasheet HTML 3Page - Linear Technology LTC3560 Datasheet HTML 4Page - Linear Technology LTC3560 Datasheet HTML 5Page - Linear Technology LTC3560 Datasheet HTML 6Page - Linear Technology LTC3560 Datasheet HTML 7Page - Linear Technology LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3560
5
3560fb
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step
Load Step
Load Step
Burst Mode Operation
Pulse-Skipping Mode Operation
Start-Up from Shutdown
Dynamic Supply Current
vs Temperature
Switch Leakage vs Temperature
Switch Leakage vs Input Voltage
(From Figure 1a Except for the Resistive Divider Resistor Values)
TEMPERATURE (°C)
–50
200
250
300
25
75
3560 G13
150
100
–25
0
50
100
125
50
0
VIN = 3.6V
VOUT = 1.2V
ILOAD = 0A
PULSE SKIPPING MODE
Burst Mode OPERATION
TEMPERATURE (°C)
–50
80
100
140
25
75
3560 G14
60
40
–25
0
50
100
125
20
0
120
SYNCHRONOUS
SWITCH
MAIN SWITCH
INPUT VOLTAGE (V)
0
0
200
400
600
1
2
34
3560 G15
5
800
1000
100
300
500
700
900
6
SYNCHRONOUS
SWITCH
MAIN SWITCH
RUN = 0V
SW
2V/DIV
VOUT
20mV/DIV
AC COUPLED
IL
200mA/DIV
2μs/DIV
3560 G16
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
SW
2V/DIV
VOUT
20mV/DIV
AC COUPLED
IL
200mA/DIV
500ns/DIV
3560 G17
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
RUN
2V/DIV
VOUT
1V/DIV
IL
500mA/DIV
500µs/DIV
3560 G18
VIN = 3.6V
VOUT = 1.8V
ILOAD = 800mA
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20μs/DIV
3560 G19
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A TO 800mA
PULSE SKIPPING MODE
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20μs/DIV
3560 G20
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 800mA
PULSE SKIPPING MODE
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20µs/DIV
3560 G21
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 800mA
PULSE SKIPPING MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com