Electronic Components Datasheet Search
  English  ▼

X  

LTC3564 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3564 Datasheet HTML 5Page - Linear Technology LTC3564 Datasheet HTML 6Page - Linear Technology LTC3564 Datasheet HTML 7Page - Linear Technology LTC3564 Datasheet HTML 8Page - Linear Technology LTC3564 Datasheet HTML 9Page - Linear Technology LTC3564 Datasheet HTML 10Page - Linear Technology LTC3564 Datasheet HTML 11Page - Linear Technology LTC3564 Datasheet HTML 12Page - Linear Technology LTC3564 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC3564
3564f
The basic LTC3564 application circuit is shown in Figure 1.
External component selection is driven by the load require-
ment and begins with the selection of L followed by CIN and
COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 0.47
μH to 2.2μH. Its value is chosen based on
the desired ripple current. Large value inductors lower
ripple current and small value inductors result in higher
ripple currents. Higher VIN or VOUT also increases the ripple
current as shown in equation 1. A reasonable starting point
for setting ripple current is
ΔIL = 500mA (40% of 1.25A).
Δ = ()( )
−
⎛
⎝⎜
⎞
⎠⎟
I
fL
V
V
V
L
OUT
OUT
IN
1
1
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 1.5A rated
inductor should be enough for most applications (1.25A
+ 250mA). For better efficiency, choose a low DC-resis-
tance inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
300mA. Lower inductor values (higher
ΔIL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy mate-
rials are small and don’t radiate much energy, but gener-
ally cost more than powdered iron core inductors with
similar electrical characteristics. The choice of which style
inductor to use often depends more on the price vs size
requirements and any radiated field/EMI requirements
than on what the LTC3564 requires to operate. Table 1
shows some typical surface mount inductors that work
well in LTC3564 applications.
APPLICATIO S I FOR ATIO
Table 1. Representative Surface Mount Inductors
MANUFATURER
PART NUMBER
VALUE (
μH)
MAX DC CURRENT (A)
DCR (m
Ω)
HEIGHT (mm)
Toko
A915AY-1R1M-DC53LC
1.1
3.25
16
3
1070AS-1R0N-DB3020C
1
1.9
47
2
Sumida
CDRH4D18C/LD-1R1
1.1
2.1
24
2
CDRH3D14-1R2
1.2
2.2
36
1.5
CR5D11-1R0
1
2.2
40
1.2
CDRH2D18/HP-2R2
2.2
1.6
48
2
FDK
MIPW3226D0R9M
0.9
1.4
70
1
Coilcraft
LPO6610-122ML
1.2
2.1
80
1
LPS4018-222ML
2.2
2.5
70
1.8
Vishay
IHLP1616ABERR47M01
0.47
5
20
1.2
IHLP1616ABER1R0M01
1
4
45
1.2
VIN
LTC3564
RUN
R1
3564 F01
R2
CF
L
CIN
COUT
SW
VIN
VOUT
VFB
GND
Figure 1. LTC3564 General Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com