Electronic Components Datasheet Search
  English  ▼

X  

LTC3564 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 4 Page - Linear Technology

  LTC3564 Datasheet HTML 1Page - Linear Technology LTC3564 Datasheet HTML 2Page - Linear Technology LTC3564 Datasheet HTML 3Page - Linear Technology LTC3564 Datasheet HTML 4Page - Linear Technology LTC3564 Datasheet HTML 5Page - Linear Technology LTC3564 Datasheet HTML 6Page - Linear Technology LTC3564 Datasheet HTML 7Page - Linear Technology LTC3564 Datasheet HTML 8Page - Linear Technology LTC3564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC3564
3564f
Efficiency vs Input Voltage
Efficiency vs Output Current
Efficiency vs Output Current
Reference Voltage vs
Temperature
Oscillator Frequency vs
Temperature
TA = 25°C, VIN = 3.6V, unless otherwise specified.
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency Variation vs VIN
Load Regulation
Line Regulation
RDS(ON) vs Input Voltage
INPUT VOLTAGE (V)
2.5
40
50
60
70
80
100
3.0
3.5
4.0
4.5
3564 G01
5.0
5.5
90
IOUT = 100mA
VOUT = 1.8V
IOUT = 1.25A
IOUT = 10mA
IOUT = 1mA
IOUT = 0.1mA
OUTPUT CURRENT (mA)
0.1
40
50
60
70
80
1
10
100
1000
10000
3564 G02
30
20
10
0
90
100
VOUT = 1.2V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
OUTPUT CURRENT (mA)
0.1
40
50
60
70
80
1
10
100
1000
10000
3564 G04
30
20
10
0
90
100
VOUT = 1.5V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
TEMPERATURE (
°C)
–50
605
610
615
25
75
3564 G04
600
595
–25
0
50
100
125
590
585
TEMPERATURE (
°C)
–50
2.35
25
3564 G05
2.20
2.10
–25
0
50
2.05
2.00
2.40
2.30
2.25
2.15
75
100
125
VIN (V)
2.5
6
4
2
0
–2
–4
–6
–8
4.0
5.0
3564 G06
3.0
3.5
4.5
5.5
OUTPUT CURRENT (mA)
0
0.50
0.75
1.00
600
1000
3564 G07
0.25
0
200
400
800
1200 1400
–0.25
–0.50
VOUT = 1.8V
INPUT VOLTAGE (V)
2.5
–0.6
–0.4
–0.2
0
0.2
0.6
3.0
3.5
4.0
4.5
3564 G08
5.0
5.5
0.4
VOUT = 1.8V
ILOAD = 400mA
INPUT VOLTAGE (V)
2.5
0
0.05
0.10
0.15
0.20
0.25
3.0
3.5
4.0
4.5
3564 G09
5.0
5.5
MAIN SWITCH
SYNCHRONOUS SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com