Electronic Components Datasheet Search
  English  ▼

X  

LTC3564 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3564
Description  2.25MHz, 1.25A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3564 Datasheet(HTML) 3 Page - Linear Technology

  LTC3564 Datasheet HTML 1Page - Linear Technology LTC3564 Datasheet HTML 2Page - Linear Technology LTC3564 Datasheet HTML 3Page - Linear Technology LTC3564 Datasheet HTML 4Page - Linear Technology LTC3564 Datasheet HTML 5Page - Linear Technology LTC3564 Datasheet HTML 6Page - Linear Technology LTC3564 Datasheet HTML 7Page - Linear Technology LTC3564 Datasheet HTML 8Page - Linear Technology LTC3564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC3564
3564f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Input DC Bias Current
(Note 5)
Active Mode
VFB = 0.5V or VOUT = 90%, ILOAD = 0A
300
400
μA
Sleep Mode
VFB = 0.62V or VOUT = 103%, ILOAD = 0A
20
35
μA
Shutdown
VRUN = 0V, VIN = 4.2V
0.1
1
μA
fOSC
Oscillator Frequency
VFB = 0.6V or VOUT = 100%
●
1.8
2.25
2.7
MHz
RPFET
RDS(ON) of P-Channel FET
S5 Package
0.15
0.2
Ω
DCB Package
0.15
Ω
RNFET
RDS(ON) of N-Channel FET
S5 Package
0.15
0.2
Ω
DCB Package
0.15
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
μA
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
μA
tSOFTSTART
Soft-Start Time
VFB from 10% to 90% Full Scale
0.6
0.9
1.2
ms
The
● denotes specifications which apply over the full operating junction temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliabilty and lifetime.
Note 2: The LTC3564E is guaranteed to meet performance specifications
from 0
°C to 125°C junction temperature. Specifications over the –40°C to
125
°C operating junction termperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3564I is guaranteed over the full –40
°C to 125°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125
°C.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3564ES5: TJ = TA + (PD)(215°C/W)
LTC3564EDCB: TJ = TA + (PD)(64°C/W)
Note 4: The LTC3564 is tested in a proprietary test mode.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 6: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com