Electronic Components Datasheet Search
  English  ▼

X  

LTC3803 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3803
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3803 Datasheet HTML 8Page - Linear Technology LTC3803 Datasheet HTML 9Page - Linear Technology LTC3803 Datasheet HTML 10Page - Linear Technology LTC3803 Datasheet HTML 11Page - Linear Technology LTC3803 Datasheet HTML 12Page - Linear Technology LTC3803 Datasheet HTML 13Page - Linear Technology LTC3803 Datasheet HTML 14Page - Linear Technology LTC3803 Datasheet HTML 15Page - Linear Technology LTC3803 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3803
13
3803fc
TYPICAL APPLICATIONS
4:1 Input Range 3.3V Output Isolated Flyback DC/DC Converter
3803 TA05
FDC2512
T1
PA1277NL
•
•
•
0.1μF
0.1μF
100μF
6.3V
× 3
0.33μF
2.2nF
47pF
100k
56k
22.1k
VIN
+
VIN
–
VCC
VCC
VOUT
+
VOUT
+
3.3V
3A
GND
VOUT
+
MMBTA42
PDZ6.8B
0.1μF
2.2μF
4.7k
680Ω
22Ω
6.8k
270Ω
1
1
2
3
6
5
4
2
BAS516
BAS516
PDS1040
10Ω
BAS516
PS2801-1
100k
68Ω
150pF
220k
0.040Ω
1
2
3
6
5
4
18V TO 72V
ITH/RUN
LTC3803
GND
GATE
SENSE
VCC
VFB
GND
BAS516
BAT760
LT4430
OC
VIN
COMP
FB
OPTO
Efficiency vs Load Current
IOUT (A)
0
70
72
74
76
78
80
82
84
12
3
4
3803 TA05a
VIN = 48V
VIN = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com