Electronic Components Datasheet Search
  English  ▼

X  

LTC3803 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3803
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803 Datasheet(HTML) 2 Page - Linear Technology

  LTC3803 Datasheet HTML 1Page - Linear Technology LTC3803 Datasheet HTML 2Page - Linear Technology LTC3803 Datasheet HTML 3Page - Linear Technology LTC3803 Datasheet HTML 4Page - Linear Technology LTC3803 Datasheet HTML 5Page - Linear Technology LTC3803 Datasheet HTML 6Page - Linear Technology LTC3803 Datasheet HTML 7Page - Linear Technology LTC3803 Datasheet HTML 8Page - Linear Technology LTC3803 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3803
2
3803fc
ABSOLUTE MAXIMUM RATINGS
VCC to GND
Low Impedance Source ........................... –0.3V to 8V
Current Fed ........................................25mA into VCC*
NGATE Voltage............................................–0.3V to VCC
VFB, ITH/RUN Voltages............................... –0.3V to 3.5V
SENSE Voltage ............................................. –0.3V to 1V
NGATE Peak Output Current (<10μs) ......................... 1A
Operating Junction Temperature Range (Notes 2, 3)
LTC3803E, LTC3803I..........................– 40°C to 125°C
LTC3803H ..........................................– 40°C to 150°C
LTC3803MP ....................................... –55°C to 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTURNON
VCC Turn On Voltage
LTC3803E
LTC3803H, LTC3803I
LTC3803MP
l
l
l
7.8
7.7
7.6
8.7
8.7
8.7
9.2
9.25
9.5
V
V
V
VTURNOFF
VCC Turn Off Voltage
LTC3803E
LTC3803H, LTC3803I
LTC3803MP
l
l
l
4.6
4
4
5.7
5.7
5.7
6.8
6.8
7.25
V
V
V
VHYST
VCC Hysteresis
VTURNON – VTURNOFF
LTC3803E, LTC3803I, LTC3803H
LTC3803MP
l
l
1.5
1
3.0
3.0
V
V
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VCC = 8V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
*LTC3803 internal clamp circuit self regulates VCC voltage to 9.5V.
PIN CONFIGURATION
ITH/RUN 1
GND 2
VFB 3
6 NGATE
5 VCC
4 SENSE
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 192°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3803ES6#PBF
LTC3803ES6#TRPBF
LTACV
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC3803IS6#PBF
LTC3803IS6#TRPBF
LTBNC
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC3803HS6#PBF
LTC3803HS6#TRPBF
LTBNC
6-Lead Plastic TSOT-23
–40°C to 150°C
LTC3803MPS6#PBF
LTC3803MPS6#TRPBF
LTBNC
6-Lead Plastic TSOT-23
–55°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3803ES6
LTC3803ES6#TR
LTACV
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC3803IS6
LTC3803IS6#TR
LTBNC
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC3803HS6
LTC3803HS6#TR
LTBNC
6-Lead Plastic TSOT-23
–40°C to 150°C
LTC3803MPS6
LTC3803MPS6#TR
LTBNC
6-Lead Plastic TSOT-23
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com