Electronic Components Datasheet Search
  English  ▼

X  

LTC3803 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3803
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3803 Datasheet HTML 2Page - Linear Technology LTC3803 Datasheet HTML 3Page - Linear Technology LTC3803 Datasheet HTML 4Page - Linear Technology LTC3803 Datasheet HTML 5Page - Linear Technology LTC3803 Datasheet HTML 6Page - Linear Technology LTC3803 Datasheet HTML 7Page - Linear Technology LTC3803 Datasheet HTML 8Page - Linear Technology LTC3803 Datasheet HTML 9Page - Linear Technology LTC3803 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3803
6
3803fc
PIN FUNCTIONS
ITH/RUN (Pin 1): This pin performs two functions. It serves
as the error amplifier compensation point as well as the
run/shutdown control input. Nominal voltage range is 0.7V
to 1.9V. Forcing this pin below the shutdown threshold
(VITHSHDN) causes the LTC3803 to shut down. In shutdown
mode, the NGATE pin is held low.
GND (Pin 2): Ground Pin.
VFB (Pin 3): Receives the feedback voltage from an external
resistive divider across the output.
SENSE (Pin 4): This pin performs two functions. It monitors
switch current by reading the voltage across an external
current sense resistor to ground. It also injects a current
ramp that develops slope compensation voltage across
an optional external programming resistor.
VCC (Pin 5): Supply Pin. Must be closely decoupled to
GND (Pin 2).
NGATE (Pin 6): Gate Drive for the External N-Channel
MOSFET. This pin swings from 0V to VCC.
BLOCK DIAGRAM
–
+
SLOPE
COMP
CURRENT
RAMP
VCC
GATE
DRIVER NGATE
4
SENSE
3803 BD
200kHz
OSCILLATOR
UNDERVOLTAGE
LOCKOUT
Q
R
CURRENT
COMPARATOR
SHUTDOWN
COMPARATOR
SHUTDOWN
S
20mV
ITH/RUN
ERROR
AMPLIFIER
VFB
SOFT-
START
CLAMP
VCC
SHUNT
REGULATOR
SWITCHING
LOGIC AND
BLANKING
CIRCUIT
6
0.28V
VCC < VTURNON
0.3μA
VCC
–
+
5
3
GND
1.2V
2
1
800mV
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com