Electronic Components Datasheet Search
  English  ▼

X  

UM1560 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 7Page - STMicroelectronics UM1560 Datasheet HTML 8Page - STMicroelectronics UM1560 Datasheet HTML 9Page - STMicroelectronics UM1560 Datasheet HTML 10Page - STMicroelectronics UM1560 Datasheet HTML 11Page - STMicroelectronics UM1560 Datasheet HTML 12Page - STMicroelectronics UM1560 Datasheet HTML 13Page - STMicroelectronics UM1560 Datasheet HTML 14Page - STMicroelectronics UM1560 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
DocID023545 Rev 1
11/59
UM1560
STEVAL-IPC004V1 evaluation board description
59
2
STEVAL-IPC004V1 evaluation board description
2.1
STEVAL-IPC004V1 evaluation board architecture
POS evaluation board is a modular system based on the STM32F1 series which comes with
server applications to complete the transaction.
The STEVAL-IPC004V1 bases on a layered architecture which can be divided in the
following sections:
a)
Application management layer
b)
Component layer
c)
Peripheral layer
Figure 10. STEVAL-IPC004V1 layered architecture
a)
Application management layer.
This is the main application layer of the STEVAL-IPC004V1, whose major role is to
interact with the server application and to handle various events and output the
correct message on LCD.
b)
Component layer management.
This is a critical layer, which acts as a bridge between various device libraries and
the application layer. Each component of this layer has a specific behavior. For
example the bar code scanner component handles all events related to the bar
code scanner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com