Electronic Components Datasheet Search
  English  ▼

X  

UM1560 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 12Page - STMicroelectronics UM1560 Datasheet HTML 13Page - STMicroelectronics UM1560 Datasheet HTML 14Page - STMicroelectronics UM1560 Datasheet HTML 15Page - STMicroelectronics UM1560 Datasheet HTML 16Page - STMicroelectronics UM1560 Datasheet HTML 17Page - STMicroelectronics UM1560 Datasheet HTML 18Page - STMicroelectronics UM1560 Datasheet HTML 19Page - STMicroelectronics UM1560 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
Major component description
UM1560
16/59
DocID023545 Rev 1
• “*” up key: to go up in the menu.
• “#” down key: to go down in the menu.
• “D” enter key: to select the current selected item from the menu.
• “0” - “9” numeric keys: they are only used to manually enter the bar code information and
the cash information.
3.4
Thermal printer
Fujitsu FTP-628 MCL101/103 series ultra compact thermal printer is used in the current
STEVAL-IPC004V1 evaluation board. This kind of printer is quite useful in applications such
as handheld POS. For detailed information, please refer to FTP-628 MCL101/103 series.
3.5
External bar code scanner
The STEVAL-IPC004V1 supports any USB driver bar code scanner. So any external power
supply for this scanner is useless.
3.6
Monochrome graphic LCD
This system uses a 132x64 monochrome graphic LCD HTG13264C, with a 3.3 V supply.
3.7
GPRS interface
This system supports GPRS interface over USART. The current supported module is
SIM900D but it can also be customized for other modules.
3.8
Smart card interface
This system supports the ST8024 smart card interface.
3.9
Magnetic card interface
The system supports dual and single track interface.
3.10
Memory interface
The system uses serial NOR N25Q064. In addition, NAND512 interface is also provided for
additional memory requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com