Electronic Components Datasheet Search
  English  ▼

X  

UM1560 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1560
Description  STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1560 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1560 Datasheet HTML 14Page - STMicroelectronics UM1560 Datasheet HTML 15Page - STMicroelectronics UM1560 Datasheet HTML 16Page - STMicroelectronics UM1560 Datasheet HTML 17Page - STMicroelectronics UM1560 Datasheet HTML 18Page - STMicroelectronics UM1560 Datasheet HTML 19Page - STMicroelectronics UM1560 Datasheet HTML 20Page - STMicroelectronics UM1560 Datasheet HTML 21Page - STMicroelectronics UM1560 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Interaction with the server to setup the STEVAL-IPC004V1
UM1560
18/59
DocID023545 Rev 1
4
Interaction with the server to setup the STEVAL-
IPC004V1
4.1
Starting the STEVAL-IPC004V1 evaluation board
The STEVAL-IPC004V1 evaluation board has to be powered up, as described in
Section 1.3.1. Some messages can be read on the LCD screen, finally the below message
appears:
• "In Conf Mode"
This means that the STEVAL-IPC004V1 board has been correctly started and user can go
ahead.
Note:
A different final message appears when the STEVAL-IPC004V1 evaluation board is
connected to the server application, as described in the coming section.
4.2
Starting the STEVAL-IPC004V1 server application
Figure 16. User login information
Double click on POSApplication.exe, and the user login window appears. The
administration password is given by default and it allows the user to enter the application.
Click on “Login” button, and the server application opens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com