Electronic Components Datasheet Search
  English  ▼

X  

UPD72871 Datasheet(PDF) 1 Page - NEC

Part # UPD72871
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72871 Datasheet(HTML) 1 Page - NEC

  UPD72871 Datasheet HTML 1Page - NEC UPD72871 Datasheet HTML 2Page - NEC UPD72871 Datasheet HTML 3Page - NEC UPD72871 Datasheet HTML 4Page - NEC UPD72871 Datasheet HTML 5Page - NEC UPD72871 Datasheet HTML 6Page - NEC UPD72871 Datasheet HTML 7Page - NEC UPD72871 Datasheet HTML 8Page - NEC UPD72871 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1999
IEEE1394 1-CHIP OHCI HOST CONTROLLER
PRELIMINARY DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD72870,72871
Document No. S13925EJ2V0DS00 (2nd edition)
Date Published September 1999 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The
µPD72870, 72871 are the LSIs which integrated OHCI-Link and PHY function into a single chip.
The
µPD72870, 72871 comply with the P1394a draft 2.0 specifications and the OpenHCI IEEE1394 1.0 and work
up to 400 Mbps.
These make design so compact for PC and PC card application.
FEATURES
• Compliant with Link Layer Services as defined in 1394 Open Host Controller Interface specification release 1.0
• Compliant with Physical Layer Services as defined in P1394a draft 2.0 (Data Rate 100/200/400 Mbps)
3-port :
µPD72870
1-port :
µPD72871
• Compliant with protocol enhancement as defined in P1394a draft 2.0
• Modular 32-bit host interface compliant to PCI Specification release 2.1
• Support PCI-Bus Power Management Interface Specification release 1.0
• Modular 32-bit host interface compliant to Card Bus Specification
• Cycle Master and Isochronous Resource Manager capable
• Built-in FIFOs for isochronous transmit (1024 bytes), asynchronous transmit (1024 bytes), and receive (2048
bytes)
• 32-bit CRC generation and checking for receive/transmit packets
• 4 isochronous transmit DMAs and 4 isochronous receive DMAs supported
• 32-bit DMA channels for physical memory read/write
• Clock generation by 24.576 MHz X’tal
• Internal control and operational registers direct-mapped to PCI configuration space
• 2-wire Serial EEPROMTM interface supported
• Separate power supply Link and PHY
ORDERING INFORMATION
Part number
Package
µPD72870GM-8ED
µPD72870F1-FA2
µPD72871GM-8ED
µPD72871 F1-FA2
160-pin plastic LQFP (Fine pitch) (24 x 24 mm)
192-pin Plastic FBGA (14 x 14 mm)
160-pin plastic LQFP (Fine pitch) (24 x 24 mm)
192-pin Plastic FBGA (14 x 14 mm)
The mark 5
5
5
5 shows major revised points.
5
5
5
5


Similar Part No. - UPD72871

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD72871F1-FA2 RENESAS-UPD72871F1-FA2 Datasheet
533Kb / 50P
MOS INTEGRATED CIRCUIT
1999
UPD72871GM-8ED RENESAS-UPD72871GM-8ED Datasheet
533Kb / 50P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD72871

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72862 NEC-UPD72862 Datasheet
194Kb / 36P
IEEE1394 OHCI HOST CONTROLLER
UPD72870A NEC-UPD72870A Datasheet
331Kb / 27P
IEEE1394 1-CHIP OHCI HOST CONTROLLER
logo
Texas Instruments
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
logo
NEC
UPD72874 NEC-UPD72874 Datasheet
297Kb / 40P
IEEE1394 OHCI 1.1 COMPLIANT 3PORT PHY-LINK 1-CHIP HOST CONTROLLER
logo
Texas Instruments
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
OHCI-Lynx PCI-Based IEEE 1394 Host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com