Electronic Components Datasheet Search
  English  ▼

X  

UPD72871 Datasheet(PDF) 20 Page - NEC

Part # UPD72871
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72871 Datasheet(HTML) 20 Page - NEC

Back Button UPD72871 Datasheet HTML 16Page - NEC UPD72871 Datasheet HTML 17Page - NEC UPD72871 Datasheet HTML 18Page - NEC UPD72871 Datasheet HTML 19Page - NEC UPD72871 Datasheet HTML 20Page - NEC UPD72871 Datasheet HTML 21Page - NEC UPD72871 Datasheet HTML 22Page - NEC UPD72871 Datasheet HTML 23Page - NEC UPD72871 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Preliminary Data Sheet S13925EJ2V0DS00
20
µµµµPD72870,72871
Table 2-1. Bit Field Description (3/3)
Field
Size
R/W
Reset value
Description
Port_event
1
R/W
0
Set to 1 when the Int_Enable bit in the register map of each port is 1 and
there is a change in the ports connected, Bias, Disabled and Fault bits.
Set to 1 when the Resume_int bit is 1 and any one port does resume.
Writing 1 to this bit clears it to 0.
Writing 0 has no effect.
Enab_accel
1
R/W
0
Enables arbitration acceleration.
Ack-acceleration and Fly-by arbitration are enabled.
1: Enabled
0: Disabled
If this bit changes while the bus request is pending, the operation is not
guaranteed.
Enab_multi
1
R/W
0
Enable multi-speed packet concatenation.
Setting this bit to 1 follows multi-speed transmission.
When this bit is set to 0,the packet will be transmitted with the same speed
as the first packet.
Page_select
3
R/W
000
Select page address between 1000 to 1111.
000: Port Status Page
001: Vendor Definition Page
Others: Unused
Port Selection.
Selecting 000 (Port Status Page) with the page selection selects the port.
µPD72870
µPD72871
Port_select
4
R/W
0000
0000: Port 0
0001: Port 1
0010: Port 2
Others: Unused
0000: Port 0
Others: Unused
Reserved
-
R
000…
Reserved. Read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com