Electronic Components Datasheet Search
  English  ▼

X  

UPD72871 Datasheet(PDF) 23 Page - NEC

Part # UPD72871
Description  IEEE1394 1-CHIP OHCI HOST CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72871 Datasheet(HTML) 23 Page - NEC

Back Button UPD72871 Datasheet HTML 19Page - NEC UPD72871 Datasheet HTML 20Page - NEC UPD72871 Datasheet HTML 21Page - NEC UPD72871 Datasheet HTML 22Page - NEC UPD72871 Datasheet HTML 23Page - NEC UPD72871 Datasheet HTML 24Page - NEC UPD72871 Datasheet HTML 25Page - NEC UPD72871 Datasheet HTML 26Page - NEC UPD72871 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Preliminary Data Sheet S13925EJ2V0DS00
23
µµµµPD72870,72871
3. CONFIGURATION REGISTERS
3.1 PCI Bus Mode Configuration Register ( CARD_ON=Low )
31
24
23
16
15
08
07
00
Device ID
Vendor ID
00H
Status
Command
04H
Class Code
Revision ID
08H
BIST
Header Type
Latency Timer
Cache Line Size
0CH
Base Address 0
10H
Base Address 1
14H
Base Address 2
18H
Base Address 3
1CH
Base Address 4
20H
Base Address 5
24H
CardBus CIS Pointer
28H
Subsystem ID
Subsystem Vendor ID
2CH
Expansion Rom Base Address Register
30H
000000H
Cap_Ptr
34H
00000000H
38H
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
3CH
PCI_OHCI_Control
40H
00000000H
44H
00000000H
48H
00000000H
4CH
Diagnostic register0
50H
Diagnostic register1
54H
Diagnostic register2
58H
Diagnostic register3
5CH
Power Management Capabilities
Next_Item_Ptr
Cap_ID
60H
Data
PMCSR_BSE
Power Management Control/Status
64H
00000000H
68H
00000000H
6CH
User Area (GENERAL_RegisterA)
70H
User Area (GENERAL_RegisterB)
74H
User Area (GENERAL_RegisterC)
78H
User Area (GENERAL_RegisterD)
7CH
00000000H
80H
FCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com