Electronic Components Datasheet Search
  English  ▼

X  

LTC3873 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3873
Description  Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3873 Datasheet HTML 8Page - Linear Technology LTC3873 Datasheet HTML 9Page - Linear Technology LTC3873 Datasheet HTML 10Page - Linear Technology LTC3873 Datasheet HTML 11Page - Linear Technology LTC3873 Datasheet HTML 12Page - Linear Technology LTC3873 Datasheet HTML 13Page - Linear Technology LTC3873 Datasheet HTML 14Page - Linear Technology LTC3873 Datasheet HTML 15Page - Linear Technology LTC3873 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3873
13
3873fa
TYPICAL APPLICATIONS
9V to 15V VIN, 12V VOUT SEPIC Converter
IPRG
ITH
VFB = 1.2V
GND
SW
RUN/SS
VCC
NGATE
1
2
3
4
8
7
6
5
LTC3873
4.7μF
10nF
100k
11k
33.2k
301Ω
0.1μF
3873 TA05
Si4840
UPS840
T1
4.56μH
BH510-1009
BH ELECTRONICS
100μF
20V
VIN
9V TO 15V
10μF
25V
10μF
3
+
47μF
16V
3
10μF
16V
VOUT
12V
2A
+
1
••
2
4
3
10W Isolated Telecom Converter
IRPG
8
1
ISENSE
ITH
7
2
RUN/SS
FB
6
3
VCC
GND
5
4.7μF
1210
AND
0805
0.1μF
BAT760
0.068Ω
FDC2512
51Ω
BAS516
2
5
••
•
1
4
8
9
21
BAT54CWT1G
3
10
7
TR1
ISOLATION BARRIER
4
GATE
LTC3873
VIN
6
1
OPTO
GND
5
2
COMP
OC
4
3
0.6V FB
LT4430
22nF
3.01k
100k
221k
OPT
PDZ6.8B
OPT
2.2Ω
UPS840
6.8k
4
3
1
NEC
PS2801-1
2
2200pF
250V AC
1μF
OPT
1μF
100μF
6.3V
3
VOUT
3.3V
3A
330pF
4.7μF
100V
VIN
36V TO 72V
221k
274Ω
BAS516
22.1k
3873 TA04
MMBTA42
OPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com