Electronic Components Datasheet Search
  English  ▼

X  

LTC3873 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3873
Description  Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3873 Datasheet HTML 2Page - Linear Technology LTC3873 Datasheet HTML 3Page - Linear Technology LTC3873 Datasheet HTML 4Page - Linear Technology LTC3873 Datasheet HTML 5Page - Linear Technology LTC3873 Datasheet HTML 6Page - Linear Technology LTC3873 Datasheet HTML 7Page - Linear Technology LTC3873 Datasheet HTML 8Page - Linear Technology LTC3873 Datasheet HTML 9Page - Linear Technology LTC3873 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3873
6
3873fa
FUNCTIONAL DIAGRAM
RUN/SS
VCC
SW
GND
ITH
VFB
NGATE
3873 FD
IPRG
SLOPE
COMPENSATION
200kHz
OSCILLATOR AND
MAX DUTY CYCLE
CURRENT
COMPARATOR
S
R
Q
VIN
VOLTAGE
REFERENCE
UNDERVOLTAGE
LOCKOUT
–
+
ITH
BUFFER
SWITCHING
LOGIC CIRCUIT
CURRENT LIMIT
CLAMP
INTERNAL
SOFT-START
RAMP
–+
ILIM
RS
LATCH
1.2V
1.2V
VCC 9.5V
SHUNT
REGULATOR
UV
SHUTDOWN
COMPARATOR
SHDN
ERROR
AMPLIFIER
3μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com