Electronic Components Datasheet Search
  English  ▼

X  

LTC3873 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3873
Description  Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873 Datasheet(HTML) 3 Page - Linear Technology

  LTC3873 Datasheet HTML 1Page - Linear Technology LTC3873 Datasheet HTML 2Page - Linear Technology LTC3873 Datasheet HTML 3Page - Linear Technology LTC3873 Datasheet HTML 4Page - Linear Technology LTC3873 Datasheet HTML 5Page - Linear Technology LTC3873 Datasheet HTML 6Page - Linear Technology LTC3873 Datasheet HTML 7Page - Linear Technology LTC3873 Datasheet HTML 8Page - Linear Technology LTC3873 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3873
3
3873fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3873E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 85°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA)
Note 4: The dynamic input supply current is higher due to power MOSFET
gate charging (QG • fOSC). See Applications Information.
Note 5: The LTC3873 is tested in a feedback loop which servos VFB to
the reference voltage with the ITH pin forced to the midpoint of its voltage
range (0.7V ≤ VITH ≤ 1.9V, midpoint = 1.3V).
Note 6: Rise and fall times are measured at 10% and 90% levels.
VCC = 5.6V.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 9V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input DC Supply Current
Normal Operation
Shutdown
UVLO
Typicals
VITH = 1.9V
VRUN/SS = 0V
VCC = UVLO Threshold – 100mV, VRUN/SS = VCC
300
55
45
400
100
60
μA
μA
μA
Undervoltage Lockout Threshold
VCC Rising
VCC Falling
VCC Hysteresis
l
l
l
7.9
3.5
4.0
8.4
4.0
4.4
8.8
4.4
4.8
V
V
V
Shutdown Threshold (at RUN/SS)
VRUN/SS Falling
VRUN/SS Rising
l
0.5
0.6
0.7
0.8
0.9
1.0
V
V
Regulated Feedback Voltage
(Note 5)
l
1.182
1.2
1.218
V
Feedback Voltage Line Regulation
5.6V < VCC < 9V (Note 5)
0.12
mV/V
Feedback Voltage Load Regulation
VITH = 1.6V (Note 5)
VITH = 1V (Note 5)
0.05
–0.05
%
%
VFB Input Current
(Note 5)
25
50
nA
Maximum Duty Cycle
70
78
84
%
RUN/SS Pull-Up Current
VRUN/SS = 0V
VRUN/SS = 1.3V
1.5
5
3
15
4.5
25
μA
μA
ISLMAX, Peak Slope Compensation Current
20
μA
Oscillator Frequency
160
200
240
kHz
Gate Drive Rise Time
CLOAD = 3000pF (Note 6)
40
ns
Gate Drive Fall Time
CLOAD = 3000pF (Note 6)
40
ns
Peak Current Sense Voltage
IPRG = GND
IPRG = Float
IPRG = VIN
l
l
l
95
165
265
110
185
295
125
210
325
mV
mV
mV
VIN Shunt Regulator Voltage
IIN = 1mA, IIN = 25mA, VRUN/SS = 0V
l
9
9.3
9.6
V
Default Internal Soft-Start
3.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com