Electronic Components Datasheet Search
  English  ▼

X  

LTC4075 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4075 Datasheet HTML 4Page - Linear Technology LTC4075 Datasheet HTML 5Page - Linear Technology LTC4075 Datasheet HTML 6Page - Linear Technology LTC4075 Datasheet HTML 7Page - Linear Technology LTC4075 Datasheet HTML 8Page - Linear Technology LTC4075 Datasheet HTML 9Page - Linear Technology LTC4075 Datasheet HTML 10Page - Linear Technology LTC4075 Datasheet HTML 11Page - Linear Technology LTC4075 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4075/LTC4075X
8
4075Xfa
–
+
7
–
+
–
+
–
+
–
+
–
+
–
+
RECHRG
TRICKLE
TERM
LOGIC
4.1V
BAT
4.15V
BAT
3.95V
BAT
2.9V
100mV
IBAT/1000
IBAT/1000
IBAT/1000
4
5
6
3
8
2
11
DC_ENABLE
USB_ENABLE
CHARGER CONTROL
CC/CV
REGULATOR
CC/CV
REGULATOR
9
10
1
RITERM
RIUSB
RIDC
ITERM
IUSB
IDC
GND
105
°C
TDIE
USB
SOFT-START
DC
SOFT-START
USBIN UVLO
DCIN UVLO
DCIN
BAT
USBIN
USBPWR
ENABLE
RENABLE
PWR
CHRG
TERMINATION
*TRICKLE
CHARGE
RECHARGE
THERMAL
REGULATION
*TRICKLE CHARGE DISABLED ON THE LTC4075X
1mA MAX
10mA MAX
10mA MAX
4075 BD
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com