Electronic Components Datasheet Search
  English  ▼

X  

LTC4075 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4075 Datasheet HTML 8Page - Linear Technology LTC4075 Datasheet HTML 9Page - Linear Technology LTC4075 Datasheet HTML 10Page - Linear Technology LTC4075 Datasheet HTML 11Page - Linear Technology LTC4075 Datasheet HTML 12Page - Linear Technology LTC4075 Datasheet HTML 13Page - Linear Technology LTC4075 Datasheet HTML 14Page - Linear Technology LTC4075 Datasheet HTML 15Page - Linear Technology LTC4075 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4075/LTC4075X
12
4075Xfa
RISET
2k
1%
RITERM
1k
1%
WALL
ADAPTER
USB
PORT
1
µF
1
µF
+
500mA
4075 F03
LTC4075
DCIN
USBIN
IUSB
IDC
BAT
ITERM
GND
Figure 2. Full Featured Dual Input Charger Circuit
RIDC
1.24k
1%
RIUSB
2k
1%
RITERM
1k
1%
WALL
ADAPTER
USB
PORT
1
µF
1
µF
+
800mA (WALL)
500mA (USB)
4075 F02
LTC4075
DCIN
USBIN
IUSB
IDC
BAT
ITERM
GND
Figure 3. Dual Input Charger Circuit. The Wall
Adapter Charge Current and USB Charge Current
are Both Programmed to be 500mA
Using a Single Charge Current Program Resistor
The LTC4075 can program the wall adapter charge current
and USB charge current independently using two program
resistors, RIDC and RIUSB. Figure 2 shows a charger circuit
that sets the wall adapter charge current to 800mA and
the USB charge current to 500mA.
In applications where the programmed wall adapter
charge current and USB charge current are the same, a
single program resistor can be used to set both charge
currents. Figure 3 shows a charger circuit that uses one
charge current program resistor.
In this circuit, the programmed charge current from both the
wall adapter supply is the same value as the programmed
charge current from the USB supply:
II
V
R
CHRG DC
CHRG USB
ISET
−−
==
1000
Stability Considerations
The constant-voltage mode feedback loop is stable without
any compensation provided a battery is connected to the
charger output. However, a 1µF capacitor with a 1
Ω series
resistor is recommended at the BAT pin to keep the ripple
voltage low when the battery is disconnected.
When the charger is in constant-current mode, the charge
current program pin (IDC or IUSB) is in the feedback loop,
not the battery. The constant-current mode stability is
affected by the impedance at the charge current program
pin. With no additional capacitance on this pin, the char-
ger is stable with program resistor values as high as 20k
(ICHRG= 50mA); however, additional capacitance on these
nodes reduces the maximum allowed program resistor.
Power Dissipation
When designing the battery charger circuit, it is not neces-
sary to design for worst-case power dissipation scenarios
because the LTC4075 automatically reduces the charge
current during high power conditions. The conditions
that cause the LTC4075 to reduce charge current through
thermal feedback can be approximated by considering the
power dissipated in the IC. Most of the power dissipation
is generated from the internal charger MOSFET. Thus, the
power dissipation is calculated to be:
PD = (VIN – VBAT) • IBAT
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com