Electronic Components Datasheet Search
  English  ▼

X  

LTC4075 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4075 Datasheet HTML 7Page - Linear Technology LTC4075 Datasheet HTML 8Page - Linear Technology LTC4075 Datasheet HTML 9Page - Linear Technology LTC4075 Datasheet HTML 10Page - Linear Technology LTC4075 Datasheet HTML 11Page - Linear Technology LTC4075 Datasheet HTML 12Page - Linear Technology LTC4075 Datasheet HTML 13Page - Linear Technology LTC4075 Datasheet HTML 14Page - Linear Technology LTC4075 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4075/LTC4075X
11
4075Xfa
The power supply status output (
⎯P⎯W⎯R)hastwostates:pull-
down and high impedance. The pull-down state indicates
that power is present at either DCIN or USBIN. This output
is strong enough to drive an LED. If no power is applied at
either pin, the
⎯P⎯W⎯R pin is high impedance, indicating that
the LTC4075 lacks sufficient power to charge the battery.
The pull-down state is capable of sinking up to 10mA.
The USB power status output (USBPWR) has two states:
pull-down and high impedance. The high impedance
state indicates that the LTC4075 is being powered from
the USBIN input. The pull-down state indicates that the
charger is either powered from DCIN or is in a UVLO
condition (see Table 1). The pull-down state is capable of
sinking up to 1mA.
Thermal Limiting
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise above
a preset value of approximately 105°C. This feature protects
the LTC4075 from excessive temperature and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the device.
The charge current can be set according to typical (not
worst-case) ambient temperature with the assurance that
the charger will automatically reduce the current in worst-
case conditions. DFN power considerations are discussed
further in the Applications Information section.
TRICKLE CHARGE
MODE*
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
SHUTDOWN
MODE
IUSBIN DROPS TO 18µA
CHRG STATE: Hi-Z
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN
MODE
IDCIN DROPS TO 20µA
CHRG STATE: Hi-Z
BAT > 2.9V
BAT < 2.9V
BAT < 2.9V
2.9V < BAT
2.9V < BAT
BAT > 2.9V
BAT < 4.1V
BAT < 4.1V
IBAT < ITERMINATE
IN VOLTAGE MODE
IBAT < ITERMINATE
IN VOLTAGE MODE
POWER SELECTION
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
TRICKLE CHARGE
MODE*
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
ENABLE
DRIVEN LOW
ENABLE
DRIVEN LOW
ENABLE
DRIVEN HIGH
DCIN POWER
REMOVED
DCIN POWER
REMOVED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
DCIN POWER APPLIED
ONLY USB POWER APPLIED
STARTUP
4075 F01
ENABLE
DRIVEN HIGH
*LTC4075 ONLY
Figure 1. LTC4075 State Diagram of a Charge Cycle
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com