Electronic Components Datasheet Search
  English  ▼

X  

1SS400 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400
Description  200mW, SMD High Speed Switching Diodeq
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1SS400 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
MARKING
1SS400
A
1SS400
A
PART NO.
1SS400
1SS400
1SS400
Document Number: DS_S1404002
PACKAGE
RK
RS
Taiwan Semiconductor
Small Signal Product
G
G
PACKING
3K / 7" Reel
8K / 7" Reel
SOD-523F
SOD-523F
MANUFACTURE
CODE (Note)
1SS400 RKG
RK
G
Green compound
GREEN
COMPOUND
EXAMPLE
PREFERRED P/N
1SS400
Green compound
MANUFACTURE
CODE
L0
ORDERING INFORMATION
PACKING CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
1SS400-B0 RKG
B0
RK
G
Green compound
Note: Manufacture special control, if empty means no special control requirement.
1SS400-L0 RKG
RK
G
Version: B14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com