Electronic Components Datasheet Search
  English  ▼

X  

1SS400 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400
Description  200mW, SMD High Speed Switching Diodeq
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SS400 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Moisture sensitivity level 1
- Matte Tin(Sn) lead finish
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
MECHANICAL DATA
- Case: Flat lead SOD-523F small outline plastic package
- Terminal: Matte tin plated, lead free ,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
- Weight: 1.68 ± 0.5mg
- Marking code: A
PD
mW
VRRM
V
VR
V
IO
mA
IFSM
mA
RθJA
°C/W
TJ , TSTG
oC
SYMBOL
MIN
TYP
MAX
UNIT
V(BR)
100
-
V
VF
-
1.2
V
IR
-
0.1
µA
trr
4
nS
CJ
-
4
pF
Document Number: DS_S1404002
Power Dissipation
200
Thermal Resistance (Junction to Ambient)
625
Junction Capacitance
-55 to + 150
Reverse Recovery Time
VR = 0.5 V , f = 1.0 MHz
PARAMETER
TEST CONDITION
Reverse Leakage Current
VR = 80 V
Mean Forward Current
Peak Forward Surge Current
100
200
200mW, SMD High Speed Switching Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
UNIT
SYMBOL
LIMIT
- Surface mount device type
PARAMETER
Repetitive Peak Reverse Voltage
Version: B14
500
IF = 10 mA , VR = 6 V, RL = 100 Ω
Breakdown Voltage
IR = 100 µA
Forward Voltage
IF = 100 mA
Storage Temperature Range
Reverse Voltage
1SS400
FEATURES
100
- Fast switching device ( trr < 4.0 ns )
Taiwan Semiconductor
Small Signal Product
SOD-523F


Similar Part No. - 1SS400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
Switching diode
logo
Leshan Radio Company
1SS400 LRC-1SS400 Datasheet
50Kb / 2P
Switching diode
logo
Weitron Technology
1SS400 WEITRON-1SS400 Datasheet
520Kb / 3P
Surface Mount Switching Diodes
logo
Pan Jit International I...
1SS400 PANJIT-1SS400 Datasheet
140Kb / 4P
SURFACE MOUNT SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1SS400 TEL-1SS400 Datasheet
96Kb / 2P
Plastic-Encapsulate Diodes
More results

Similar Description - 1SS400

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
200mW, SMD High Speed Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com