Electronic Components Datasheet Search
  English  ▼

X  

1SS400 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400
Description  200mW, SMD High Speed Switching Diodeq
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1SS400 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SS400 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIMENSIONS
SOT-523F
Min
Max
Min
Max
A
0.70
0.90
0.028
0.035
B
1.50
1.70
0.059
0.067
C
0.25
0.40
0.010
0.016
D
1.10
1.30
0.043
0.051
E
0.50
0.77
0.020
0.030
F
0.07
0.20
0.003
0.008
SUGGESTED PAD LAYOUT
X
X1
Y
Document Number: DS_S1404002
0.80
2.30
Unit (inch)
0.024
1SS400
DIM.
Unit (mm)
0.60
Taiwan Semiconductor
Unit (mm)
DIM.
Unit (inch)
0.031
Small Signal Product
Version: B14
Typ.
Typ.
0.091



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com