Electronic Components Datasheet Search
  English  ▼

X  

SDWX4F1C Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # SDWX4F1C
Description  Enable High Flux and Cost Efficient System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX4F1C Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button SDWX4F1C Datasheet HTML 14Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 15Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 16Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 17Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 18Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 19Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 20Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 21Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 22Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx4F1C
– Chip on Board
18
Color Bin Structure
0.38
0.40
0.42
0.44
0.46
0.48
0.36
0.38
0.40
0.42
0.44
F11
G11
H11
H21
H22
H23
H24
G24
G23
G22
G21
F22
F21
F24
F10
2600K
2700K
2900K
3000K
2100K
3500K
3700K
H10
G10
ANSI
MacAdam 3-STEP
MacAdam 4-STEP
X
F23
CIE Chromaticity Diagram, T
j=25℃, IF=700mA
ANSI
F21
F22
F23
F24
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.4148
0.4090
0.4013
0.3887
0.4223
0.3990
0.4299
0.4165
0.3996
0.4015
0.3943
0.3853
0.4153
0.3955
0.4148
0.4090
0.3943
0.3853
0.3889
0.3690
0.4116
0.3865
0.4113
0.4002
0.4013
0.3887
0.4018
0.3752
0.4049
0.3833
0.4186
0.4037
0.4040
0.3966
0.4049
0.3833
0.4018
0.3752
0.4153
0.3955
0.4113
0.4002
0.3981
0.3800
0.4147
0.3814
0.4223
0.3990
G21
G22
G23
G24
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.4223
0.3990
0.4406
0.4055
0.4147
0.3814
0.4259
0.3853
0.4299
0.4165
0.4451
0.4145
0.4223
0.3990
0.4302
0.3943
0.4430
0.4212
0.4387
0.4122
0.4284
0.4011
0.4361
0.3964
0.4387
0.4122
0.4430
0.4212
0.4243
0.3922
0.4406
0.4055
0.4324
0.4100
0.4562
0.4260
0.4302
0.3943
0.4468
0.4077
0.4284
0.4011
0.4468
0.4077
0.4259
0.3853
0.4373
0.3893
H21
H22
H23
H24
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.4468
0.4077
0.4644
0.4118
0.4373
0.3893
0.4483
0.3919
0.4562
0.4260
0.4697
0.4211
0.4468
0.4077
0.4534
0.4012
0.4687
0.4289
0.4636
0.4197
0.4526
0.4090
0.4591
0.4025
0.4636
0.4197
0.4687
0.4289
0.4477
0.3998
0.4644
0.4118
0.4575
0.4182
0.4810
0.4319
0.4534
0.4012
0.4703
0.4132
0.4526
0.4090
0.4703
0.4132
0.4483
0.3919
0.4593
0.3944
3-STEP
4-STEP
F10
G10
H10
F11
G11
H11
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
CIE x
CIE y
0.4006
0.3829
0.4267
0.3946
0.4502
0.4020
0.3981
0.3800
0.4243
0.3922
0.4477
0.3998
0.4051
0.3954
0.4328
0.4079
0.4576
0.4158
0.4040
0.3966
0.4324
0.4100
0.4575
0.4182
0.4159
0.4007
0.4422
0.4113
0.4667
0.4180
0.4186
0.4037
0.4451
0.4145
0.4697
0.4211
0.4108
0.3878
0.4355
0.3977
0.4588
0.4041
0.4116
0.3865
0.4361
0.3964
0.4591
0.4025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com