Electronic Components Datasheet Search
  English  ▼

X  

SDWX4F1C Datasheet(PDF) 19 Page - Seoul Semiconductor

Part # SDWX4F1C
Description  Enable High Flux and Cost Efficient System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX4F1C Datasheet(HTML) 19 Page - Seoul Semiconductor

Back Button SDWX4F1C Datasheet HTML 15Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 16Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 17Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 18Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 19Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 20Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 21Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 22Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 23Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx4F1C
– Chip on Board
19
Color Bin Structure
Table 7. Bin Code description
Table 8. Ordering Information(Bin Code)
Available ranks
Part Number
Luminous Flux (lm)
@ I
F = 700mA
Color
Chromaticity
Coordinate
@ I
F = 700mA
Typical Forward Voltage (V)
@ I
F = 700mA
Bin Code
Min.
Max.
Bin Code
Min.
Max.
SDW04F1C
J1
2900
3400
Refer to
page.15~17
D
32.0
34.0
J2
3400
3900
E
34.0
38.0
K1
3900
4500
F
38.0
40.0
SDW84F1C
H2
2400
2900
Refer to
page.15~18
D
32.0
34.0
J1
2900
3400
E
34.0
38.0
J2
3400
3900
F
38.0
40.0
SDW94F1C
H1
1800
2400
Refer to
page.15~18
D
32.0
34.0
H2
2400
2900
E
34.0
38.0
J1
2900
3400
F
38.0
40.0
Part
Number
CCT
CIE
LF rank
VF rank
SDW04F1C
5300~6000K
B
J1
J2
K1
D
E
F
4700~5300K
C
J1
J2
K1
D
E
F
4200~4700K
D
J1
J2
K1
D
E
F
3700~4200K
E
J1
J2
K1
D
E
F
SDW84F1C
5300~6000K
B
H2
J1
J2
D
E
F
4700~5300K
C
H2
J1
J2
D
E
F
3700~4200K
E
H2
J1
J2
D
E
F
3200~3700K
F
H2
J1
J2
D
E
F
2900~3700K
G
H2
J1
J2
D
E
F
2600~2900K
H
H2
J1
J2
D
E
F
SDW94F1C
3700~4200K
E
H1
H2
J1
D
E
F
3200~3700K
F
H1
H2
J1
D
E
F
2900~3200K
G
H1
H2
J1
D
E
F
2600~2900K
H
H1
H2
J1
D
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com