Electronic Components Datasheet Search
  English  ▼

X  

SDWX4F1C Datasheet(PDF) 23 Page - Seoul Semiconductor

Part # SDWX4F1C
Description  Enable High Flux and Cost Efficient System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX4F1C Datasheet(HTML) 23 Page - Seoul Semiconductor

Back Button SDWX4F1C Datasheet HTML 19Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 20Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 21Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 22Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 23Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 24Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 25Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 26Page - Seoul Semiconductor SDWX4F1C Datasheet HTML 27Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx4F1C
– Chip on Board
23
Handling of Silicone Resin for LEDs
(1) During processing, mechanical stress on the surface should be minimized as much as possible.
Sharp objects of all types should not be used to pierce the sealing compound.
(3) Silicone differs from materials conventionally used for the manufacturing of LEDs.
These conditions must be considered during the handling of such devices. Compared to standard
encapsulants, silicone is generally softer, and the surface is more likely to attract dust. As
mentioned previously, the increased sensitivity to dust requires special care during processing.
In cases where a minimal level of dirt and dust particles cannot be guaranteed, a suitable cleaning
solution must be applied to the surface after the soldering of wire.
(4) Seoul Semiconductor suggests using isopropyl alcohol for cleaning. In case other solvents are
used, it must be
assured that these solvents do not dissolve the package or resin. Ultrasonic cleaning is not
recommended. Ultrasonic cleaning may cause damage to the LED.
(5) Please do not mold this product into another resin (epoxy, urethane, etc) and do not handle this
product with acid or sulfur material in sealed space.
(6) Avoid leaving fingerprints on silicone resin parts.
(2) In general, LEDs should only be handled from the side. By the way, this also applies to LEDs
without a silicone sealant, since the surface can also become scratched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com