Electronic Components Datasheet Search
  English  ▼

X  

LT1039AM Datasheet(PDF) 1 Page - Linear Technology

Part # LT1039AM
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039AM Datasheet(HTML) 1 Page - Linear Technology

  LT1039AM Datasheet HTML 1Page - Linear Technology LT1039AM Datasheet HTML 2Page - Linear Technology LT1039AM Datasheet HTML 3Page - Linear Technology LT1039AM Datasheet HTML 4Page - Linear Technology LT1039AM Datasheet HTML 5Page - Linear Technology LT1039AM Datasheet HTML 6Page - Linear Technology LT1039AM Datasheet HTML 7Page - Linear Technology LT1039AM Datasheet HTML 8Page - Linear Technology LT1039AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1039A/LT1039A-16
Triple RS232 Driver/Receiver
with Shutdown
OUTPUT CURRENT (mA)
0
– 0.8
V +
4.0
1039A TA02
0.8
–1.2
–1.6
– 2.0
– 0.4
1.2
0.4
V –
1.0
2.0
3.0
0.5
4.5
1.5
2.5
3.5
5.0
Driver Output Swing
30k
LT1039A
V +
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
VCC
V –
GND
12V
BIAS*
RS232 IN
ON/OFF
5V
LOGIC
LOGIC
LOGIC
LOGIC
LOGIC
LOGIC
*BIAS PIN USED
TO KEEP THE
RECEIVER ON
WHILE IN SHUTDOWN
**50
Ω RESISTORS
MAY BE REQUIRED
FOR IEC-1000-4-2
ESD PROTECTION
DEPENDING UPON
PC BOARD AND
CONNECTOR LEAD LENGTH
RS232 IN
RS232 OUT
RS232 OUT
RS232 OUT
RS232 IN
– 12V
1039A TA01
30k
30k
50
Ω**
50
Ω**
50
Ω**
s
On-Chip ESD Protection:
±15kV Human Body Model
±15kV IEC-1000-4-2 Air Gap Test**
±8kV IEC-1000-4-2 Contact Test
s
125kBd Operation with 3k
Ω/2500pF Load
s
250kBd Operation with 3k
Ω/1000pF Load
s
Operates from
±5V to ±15V Supplies
s
Fully Protected Against Overload
s
Outputs Can Be Driven
±30V Without Damage
s
Three-State Outputs; Outputs Open When Off
s
Bipolar Circuit—No Latchup
s
±30V Input Range
s
Triple Driver/Receiver
s
No Supply Current in Shutdown
s
30k
Ω Input Impedance
s
Meets All RS232 Specifications
s
16-Pin Version—Pin Compatible with MC145406
s
Available in SO Package
FEATURES
DESCRIPTION
The LT
®1039A is a triple RS232 driver/receiver that
includes shutdown. Each receiver will accept up to
±30V
input and can drive either TTL or CMOS logic. The RS232
drivers accept TTL logic inputs and output RS232 voltage
levels. The outputs are fully protected against overload
and can be shorted to ground or up to
±30V without
damage to the drivers. Additionally, when the system is
shut down or power is off, the outputs are in a high
impedance state allowing data line sharing. On-chip ESD
protection eliminates the need for external protection
devices.
A bias pin allows one receiver to be kept on while the rest
of the part is shut down.
The LT1039A is also available in the 16-pin version,
without shutdown or bias pin functions.
For applications requiring operation from a single 5V
supply, see the LT1180A/LT1181A and LT1130A data
sheets.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s
RS232 Interface
s
Terminals
s
Modems
TYPICAL APPLICATION


Similar Part No. - LT1039AM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039AMJ LINER-LT1039AMJ Datasheet
146Kb / 12P
Triple RS232 Driver/Receiver with Shutdown
More results

Similar Description - LT1039AM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
RS232 Driver/Receiver with Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
RS232 Driver/Receiver
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
Triple RS232 Driver/Receiver with Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com