Electronic Components Datasheet Search
  English  ▼

X  

LT1039AM Datasheet(PDF) 4 Page - Linear Technology

Part # LT1039AM
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039AM Datasheet(HTML) 4 Page - Linear Technology

  LT1039AM Datasheet HTML 1Page - Linear Technology LT1039AM Datasheet HTML 2Page - Linear Technology LT1039AM Datasheet HTML 3Page - Linear Technology LT1039AM Datasheet HTML 4Page - Linear Technology LT1039AM Datasheet HTML 5Page - Linear Technology LT1039AM Datasheet HTML 6Page - Linear Technology LT1039AM Datasheet HTML 7Page - Linear Technology LT1039AM Datasheet HTML 8Page - Linear Technology LT1039AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1039A/LT1039A-16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–55
–25
10
100
1000
0
25
50
75
100
125
1039A G04
1
SUPPLY CURRENT MEASURED
INTO VCC AND V
+
Supply Current in Shutdown
TEMPERATURE (
°C)
–55
0
5
15
20
25
50
55
60
35
0
50
75
1039A G06
10
40
45
30
–25
25
100
125
SINKING
SOURCING
TEMPERATURE (
°C)
–55
–25
10
100
1000
0
25
50
75
100
125
1039A G05
1
VOUT
– 30V
VOUT
30V
Driver Output Leakage
in Shutdown
Receiver Output
Short-Circuit Current
INPUT VOLTAGE (V)
0
20
30
40
1039A G07
10
0
15
25
35
5
–5
–10
2
4
1
3
5
OUTPUT CURRENT (mA)
0
– 0.8
V +
4.0
1039A TA02
0.8
–1.2
–1.6
– 2.0
– 0.4
1.2
0.4
V –
1.0
2.0
3.0
0.5
4.5
1.5
2.5
3.5
5.0
ON/OFF Pin Current vs Voltage
Driver Output Swing vs Current
Output Waveforms
Shutdown to Driver Output
5V
0V
RECEIVER
OUTPUT
10V
0V
–10V
DRIVER
OUTPUT
5V
0V
INPUT
1039A G09
V+ = 12V
V– = –12V
VCC = 5V
RL = 3k
0V
5V
10V
DRIVER
OUTPUT
– 10V
–5V
0V
DRIVER
OUTPUT
0V
5V
ON/OFF
INPUT
2
µs/DIV
V+ = 12V
V– = –12V
RL = 3k
2
µs/DIV
OUTPUT
HIGH
OUTPUT
LOW
1039A G10
DRIVER OUTPUT CONNECTED TO RECEIVER INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com