Electronic Components Datasheet Search
  English  ▼

X  

LT1039AM Datasheet(PDF) 5 Page - Linear Technology

Part # LT1039AM
Description  Triple RS232 Driver/Receiver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039AM Datasheet(HTML) 5 Page - Linear Technology

  LT1039AM Datasheet HTML 1Page - Linear Technology LT1039AM Datasheet HTML 2Page - Linear Technology LT1039AM Datasheet HTML 3Page - Linear Technology LT1039AM Datasheet HTML 4Page - Linear Technology LT1039AM Datasheet HTML 5Page - Linear Technology LT1039AM Datasheet HTML 6Page - Linear Technology LT1039AM Datasheet HTML 7Page - Linear Technology LT1039AM Datasheet HTML 8Page - Linear Technology LT1039AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1039A/LT1039A-16
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown to Receiver Output
BIAS Pin Response Time
PIN FUNCTIONS (Pin numbers listed are for 18-pin device)
V+, V – (Pins 1, 9): Driver Supply Pins. Supply current
drops to zero in shutdown mode. Driver outputs are in a
high impedance state when V + and V – = 0V.
BIAS (Pin 2): Keeps receiver 1 on while the LT1309A is in
the shutdown mode. Leave BIAS pin open when not in use.
See Applications Information for proper use.
REC IN (Pins 3, 5, 7): Receiver Input Pins. Accepts RS232
voltage levels (
±30V) and has 0.4V of hysteresis to pro-
vide noise immunity. Input impedance is nominally 30k
Ω.
Receiver input pins are internally protected from ESD
transients. In order to insure proper functioning of the ESD
protection devices, the VCC and V
– supply pins must be
bypassed with low ESR capacitors located close to the
pins. A 0.1
µF ceramic capacitor works well.
TR OUT (Pins 4, 6, 8): Driver Outputs with RS232 Voltage
Levels. Outputs are in a high impedance state when in the
shutdown mode or when power is off (V + and V – = 0V) to
allow data line sharing. Outputs are fully short-circuit
protected from V – + 30V to V + – 30V with power on, off or
in the shutdown mode. Typical output breakdowns are
greater than
±45V and higher applied voltages will not
damage the device if moderately current limited. Driver
output pins are internally protected from ESD transients.
In order to insure proper functioning of the ESD protec-
tion devices, the V + and V – supply pins must be
bypassed with low ESR capacitors located close to the
pins. 0.1
µF ceramic capacitors work well.
GND (Pin 10): Ground Pin.
TR IN (Pins 11, 13, 15): RS232 Driver Input Pins. Inputs
are TTL/CMOS compatible. Inputs should not be allowed
to float. Tie unused inputs to VCC.
REC OUT (Pins 12, 14, 16): Receiver Outputs with TTL/
CMOS Voltage Levels. Outputs are in a high impedance
state when in the shutdown mode to allow data line
sharing. Outputs are fully short-circuit protected to ground
or VCC with power on, off or in the shutdown mode.
ON/OFF (Pin 17): Controls the operation mode of the
LT1039A and is TTL/CMOS compatible. A logic low puts
the device in the shutdown mode which reduces input
supply current to zero and places both driver and receiver
outputs in a high impedance state.
VCC (Pin 18): 5V Power for Receivers.
6V
4V
2V
0V
RECEIVER
OUTPUT
5V
0V
ON/OFF
INPUT
2ms/DIV
1039A G11
VCC = 5V
5V
BIAS INPUT
(THRU 25k
Ω)
0.2
µs/DIV
1039A G12
VCC = 5V
0V
2V
4V
6V
RECEIVER 1
OUTPUT
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com