Electronic Components Datasheet Search
  English  ▼

X  

UPD75112 Datasheet(PDF) 39 Page - NEC

Part # UPD75112
Description  4-Bit Single Chip-Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75112 Datasheet(HTML) 39 Page - NEC

Back Button UPD75112 Datasheet HTML 35Page - NEC UPD75112 Datasheet HTML 36Page - NEC UPD75112 Datasheet HTML 37Page - NEC UPD75112 Datasheet HTML 38Page - NEC UPD75112 Datasheet HTML 39Page - NEC UPD75112 Datasheet HTML 40Page - NEC UPD75112 Datasheet HTML 41Page - NEC UPD75112 Datasheet HTML 42Page - NEC UPD75112 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
µPD75112(A), 75116(A)
Test Conditions
MIN.
*2
4.5
4.5
2.7
MAX.
6.0
6.0
6.0
6.0
Unit
V
V
V
V
*1: Except system clock oscillator, programmable threshold
port and power-on reset circuit
2: Operating voltage range depends on the cycle time.
See the AC Characteristics.
3: Whether or not it should be incorporated can be selected
by mask options.
See the Power-On Reset Circuit Characteristics (Mask
Option).
5
Operating Voltage
(Ta = –40 to +85
°C)
Parameter
CPU*1
Programmable threshold port
(comparator input)
Power-on reset circuit*3
Other hardware*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com